Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP6508 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP6508
Description  500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP6508 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP6508 Datasheet HTML 1Page - Diodes Incorporated AP6508 Datasheet HTML 2Page - Diodes Incorporated AP6508 Datasheet HTML 3Page - Diodes Incorporated AP6508 Datasheet HTML 4Page - Diodes Incorporated AP6508 Datasheet HTML 5Page - Diodes Incorporated AP6508 Datasheet HTML 6Page - Diodes Incorporated AP6508 Datasheet HTML 7Page - Diodes Incorporated AP6508 Datasheet HTML 8Page - Diodes Incorporated AP6508 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP6508
500kHz 21V 3A SYNCHRONOUS DC/DC BUCK CONVERTER
AP6508
Document number: DS33437 Rev. 4 - 2
5 of 14
www.diodes.com
July 2011
© Diodes Incorporated
Typical Performance Characteristics
1
1.05
1.1
1.15
1.2
1.25
1.3
0
5
10
15
20
25
INPUT VOLTAGE
Quiescent Supply Current vs. Input Voltage
0
2
4
6
8
10
12
14
16
0
5
10
15
20
25
INPUT VOLTAGE (V)
Shutdown Supply vs. Input Voltage
5.02
5.025
5.03
5.035
5.04
5.045
5.05
0
5
10
15
20
25
INPUT VOLTAGE (V)
V
Regulator Line Regulation
CC
-10
-20
0
20
10
30
50
40
60
80
70
90
TEMPERATURE (°C)
Current Limit vs. Temperature
7
6.6
6
5
6.8
6.2
6.4
5.6
5.8
5.2
5.4
V
= 12V
V
= 1.2V
IN
OUT
1.22
1.2205
1.221
1.2215
1.222
1.2225
1.223
1.2235
1.224
1.2245
1.225
0
5
10
15
20
25
INPUT VOLTAGE (V)
Line Regulation vs. Output Current
11.5
00.5
2.53
2
OUTPUT CURRENT (A)
Load Regulation vs. Output Current
V
= 5V
IN
V
= 12V
IN
1.208
1.21
1.204
1.206
1.2
1.202
1.196
1.198
1.192
1.194



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com