Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3232 Datasheet(PDF) 19 Page - Maxim Integrated Products

Part # DS3232
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232 Datasheet(HTML) 19 Page - Maxim Integrated Products

Back Button DS3232 Datasheet HTML 11Page - Maxim Integrated Products DS3232 Datasheet HTML 12Page - Maxim Integrated Products DS3232 Datasheet HTML 13Page - Maxim Integrated Products DS3232 Datasheet HTML 14Page - Maxim Integrated Products DS3232 Datasheet HTML 15Page - Maxim Integrated Products DS3232 Datasheet HTML 16Page - Maxim Integrated Products DS3232 Datasheet HTML 17Page - Maxim Integrated Products DS3232 Datasheet HTML 18Page - Maxim Integrated Products DS3232 Datasheet HTML 19Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 19 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 19
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
0
9/05
Initial release
—
1
11/05
Changed RoHS note wording for the Ordering Information table
1
Corrected the Ordering Information part numbers
1
Changed the reference of Figure 4 to Table 1 in the AC Electrical Characteristics table
4
Corrected the supply current units from μA to nA and added BSY = 0 to the Supply
Current vs. Supply Voltage graph in the Typical Operating Characteristics
7
2
3/06
Added a sentence about limiting exposure to reflow is 2 times maximum to the
Handling, PC Board Layout, and Assembly section
17
Added the Duty Cycle (Revision A3 Devices) parameter to the Electrical
Characteristics table; added CRATE0 = CRATE1 = 0 conditions to IBAT
3
Changed the
RST pin description to indicate that the pin immediately goes high if
power is applied and the oscillator is disabled
9
Added a paragraph to the Pushbutton Reset Function section about how the
RST output
operation does not affect the device’s internal operation
10
3
10/07
Corrected the date register range for 04h from 00–31 to 01–31 in Figure 1
11
Updated the Typical Operating Circuit
1
Removed the VPU parameter from the Recommended DC Operating Conditions table
and added verbiage about the pullup to the Pin Description table for
INT/SQW, SDA,
and SCL
2, 9
In the Electrical Characteristics table, changed the symbols for Timekeeping Battery
Current, Temperature Conversion Current, and Data-Retention Current from IBAT, ITC,
and IBATTC to IBATT, IBATTC, and IBATTDR, respectively
3
Added the Delta Time and Frequency vs. Temperature graph in the Typical Operating
Characteristics section
7
Updated the Block Diagram
8
Added the VBAT Operation section and improved some sections of text for the Aging
Offset Register and Temperature Registers (11h–12h) sections
10, 15
4
10/08
Updated the I2C timing diagrams (Figures 3, 4, and 5)
17
5
7/10
Amended the VBAT capacitor representation in the Typical Operating Circuit; in the
Absolute Maximum Ratings section, added the theta-JA and theta-JC thermal
resistances and Note 1, and changed the soldering temperature to +260°C; changed
the VBAT pin function description in the Pin Description table; changed the 10-hour bit
to 20-hour bit in the Clock and Calendar section and Figure 1; updated the BBSQW bit
description in the Control Register (0Eh) section; added the land pattern no. to the
Package Information table
1–4, 6, 9, 11,
12, 13, 18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com