Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCP53 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # BCP53
Description  PNP SILICON PLANAR MEDIUM POWER TRANSISTORS IN SOT223
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BCP53 Datasheet(HTML) 5 Page - Diodes Incorporated

  BCP53 Datasheet HTML 1Page - Diodes Incorporated BCP53 Datasheet HTML 2Page - Diodes Incorporated BCP53 Datasheet HTML 3Page - Diodes Incorporated BCP53 Datasheet HTML 4Page - Diodes Incorporated BCP53 Datasheet HTML 5Page - Diodes Incorporated BCP53 Datasheet HTML 6Page - Diodes Incorporated BCP53 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
BCP 51 / 52 / 53
Datasheet Number: DS35366 Rev. 2 – 2
5 of 7
www.diodes.com
June 2011
© Diodes Incorporated
BCP 51 / 52 / 53
0
0.2
0.4
0.6
0.8
1.0
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT(A)
C
Fig 3 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
V
= -2V
CE
0
0.1
0.2
0.3
0.4
0.5
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 4 Typical Collector-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
0
0.2
0.4
0.6
0.8
1.0
1.2
0.001
0.01
0.1
1
10
-I , COLLECTOR CURRENT (A)
C
Fig. 5 Typical Base-Emitter Saturation Voltage
vs. Collector Current
T = -55°C
A
T = 25°C
A
T = 85°C
A
T = 150°C
A
I / I = 10
CB
0
50
100
150
200
250
300
020
40
60
80
100
-I , COLLECTOR CURRENT (mA)
C
Fig. 6 Typical Gain-Bandwidth Product vs. Collector Current
V
= -5V
CE
f = 100MHz
0
20
40
60
80
100
120
140
160
010
20
30
40
V , REVERSE VOLTAGE (V)
R
Fig. 7 Typical Capacitance Characteristics
Cobo
Cibo
f = 1MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com