Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL6CU11 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL6CU11
Description  첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL6CU11 Datasheet(HTML) 1 Page - Sharp Corporation

  GL6CU11 Datasheet HTML 1Page - Sharp Corporation GL6CU11 Datasheet HTML 2Page - Sharp Corporation GL6CU11 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
75
(Notice)
¡In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
(Internet) ¡Data for sharp's optoelectronic/power device is provided for internet.(Address http://www.sharp.co.jp/ecg/)
Dichromatic LED Lamp
GL6CU11
GL6CU11
s Outline Dimensions
ø5.0
±0.15
0.5
2.54
NOM
2.54
NOM
1.0MAX
1.1MAX
2.39
NOM
2.39
NOM
1
2
3
Colorless transparency
Pin connections
1 Cathode(Yellow-green)
2 Anode(Common)
3 Cathode(Red)
Unspecified tolerance:
±0.2
s Radiation Diagram
0˚
40
20
60
Yellow-green
-20˚
-10˚
-30˚
+20˚
+30˚
+10˚
+40˚
+60˚
+80˚
+90˚
+70˚
+50˚
-40˚
-60˚
-80˚
-90˚
-70˚
-50˚
Red
80
100
GL6CU11
GaP
84
75
30
30
50
50
DC
0.40
0.40
Pulse
0.67
0.67
5
4
260
GaAlAs on GaAlAs
Model No. Radiation color Radiation material
Power dissipation
P*1
(mW)
Forward current
IF
(mA)
Derating factor
(mA/˚C)
Peak forward current
IFM*2
(mA)
Operating temperature
Topr
(˚C)
Storage temperature
Tstg
(˚C)
Soldering temperature
Tsol*3
(˚C)
Reverse voltage
VR
(V)
(Ta=25˚C)
Yellow-green
Red(Super-luminosity)
-25 to +85
-25 to +100
*1 The value is specified under the condition that either color is lightened separately. When the both diodes are lightened simultaneously,
the power dissipation of each diode should be less than the half of the value specified in this table.
*2 Duty ratio=1/10, Pulse width=0.1ms
*3 5s or less(At the position of 1.6mm or more from the bottom face of resin package)
s Absolute Maximum Ratings
GL6CU11
TYP
2.1
MAX
2.8
565
20
80
20
30
20
10
4
35
1
→
1.85
2.5
660
20
150
20
20
20
100
3
30
1
→
Model No.
Lens
type
Forward voltage
VF(V)
λp(nm)
TYP
IV(mcd)
TYP
IF
(mA)
IF
(mA)
IF
(mA)
(MHZ)
VR
(V)
IR(
µA)
MAX
Ct(pF)
TYP
∆λ(nm)
TYP
Peak emission wavelength
Luminous intensity
Spectrum radiation bandwidth
Reverse current
Page for
characteristics
diagrams
Terminal capacitance
(Ta=25˚C)
Radiation
color
Colorless
transparency
Yellow-green
Red(Super-luminosity)
s Electro-optical Characteristics
(Unit : mm)
(Ta=25˚C)
ø5mm(T-1 3/4), Cylinder Type(Flangeless),
Colorless Transparency, High-luminosity
Dichromatic LED Lamp for Outdoor Use


Similar Part No. - GL6CU11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL6CU7 SHARP-GL6CU7 Datasheet
123Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
logo
List of Unclassifed Man...
GL6CU7 ETC1-GL6CU7 Datasheet
1Mb / 11P
HIGH-LUMINOSITY LED LAMP
More results

Similar Description - GL6CU11

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GL5PR43 SHARP-GL5PR43 Datasheet
81Kb / 4P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency LED Lamps for Indicator
GL5UR2K SHARP-GL5UR2K Datasheet
47Kb / 2P
첩5mm(T-1 3/4), Cylinder Type, Colored Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR2K1 SHARP-GL5UR2K1 Datasheet
72Kb / 3P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR44 SHARP-GL5UR44 Datasheet
71Kb / 3P
첩5mm(T-1 3/4), Cylinder Type, Colorless Transparency, High-luminosity LED Lamps for Outdoor Use
GL5UR8 SHARP-GL5UR8 Datasheet
71Kb / 3P
첩5mm(T-1 3/4), Cylinder Type, Colored Diffusion, High-luminosity LED Lamps for Outdoor Use
GL6CU7 SHARP-GL6CU7 Datasheet
123Kb / 3P
첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Dichromatic LED Lamp for Outdoor Use
GL6EG31 SHARP-GL6EG31 Datasheet
53Kb / 2P
첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency High-luminosity LED Lamp for Outdoor Use
GL6UR31 SHARP-GL6UR31 Datasheet
76Kb / 2P
첩5mm(T-1 3/4), Cylinder Type(Flangeless), Colorless Transparency, High-luminosity LED Lamp for Outdoor Use
LT9550U SHARP-LT9550U Datasheet
61Kb / 3P
첩7.5mm, Cylinder Type(Flangeless), Colorless Transparency, High-luminosity Large LED lamps for Indoor Use
LT9600CU SHARP-LT9600CU Datasheet
74Kb / 3P
6.8 X 7.6mm, Oval Type(Flangeless), Colorless Transparency, High-luminosity, Wide Viewing Angle, Dichromatic Large LED Lamp for Outdoor Use
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com