Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GL710 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GL710
Description  Infrared Emitting Diode
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GL710 Datasheet(HTML) 1 Page - Sharp Corporation

  GL710 Datasheet HTML 1Page - Sharp Corporation GL710 Datasheet HTML 2Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
®
PRODUCT INFORMATION
IrDA Components
Group
APPLICATIONS:
OA equipment
Audio visual equipment
Home appliances
Telecommunication
equipment (terminal)
Measuring equipment
Tooling machines
Computers
GL710 Infrared
Emitting Diode
ABSOLUTE MAXIMUM RATINGS
ELECTRO-OPTICAL CHARACTERISTICS
TA = 25°C
NOTES:
NOTES:
NOTES:
NOTES:
NOTES:
1. Pulse width 90 µs, duty ratio 0.25
2. For 3 s MAX. at the position of 1.6 mm from the resin edge.
NOTE:
NOTE:
NOTE:
NOTE:
NOTE:
1. It is
φ = 0° in the direction of mechanical axis of lens portion.
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
G
N
I
T
A
RT
I
N
UE
T
O
N
e
g
a
tl
o
v
y
l
p
p
u
SV C
C
0
.
6
o
t
0V
t
n
e
r
r
u
c
d
r
a
w
r
o
FIF
0
5A
m
t
n
e
r
r
u
c
d
r
a
w
r
o
f
k
a
e
PI M
F
0
0
4A
m
1
e
r
u
t
a
r
e
p
m
e
t
g
n
it
a
r
e
p
OT R
P
O
0
7
+
o
t
0
1
-C
°
e
r
u
t
a
r
e
p
m
e
t
e
g
a
r
o
t
ST G
T
S
5
8
+
o
t
0
2
-C
°
e
r
u
t
a
r
e
p
m
e
t
g
n
i
r
e
d
l
o
ST L
O
S
0
3
2C
°2
R
E
T
E
M
A
R
A
PL
O
B
M
Y
S.
N
I
M.
P
Y
T.
X
A
MT
I
N
US
N
O
I
T
I
D
N
O
CE
T
O
N
e
g
a
tl
o
v
d
r
a
w
r
o
f
k
a
e
PV M
F
9
.
1V
I M
F
A
3
.
0
=
t
n
e
r
r
u
c
e
s
r
e
v
e
RIR
0
1A
µVR
V
3
=
y
ti
s
n
e
t
n
i
t
n
a
i
d
a
RIE
0
0
1)
0
4
1
()
0
0
3
(r
s
/
W
mI M
F
,
A
3
.
0
=
φ
°
5
11
h
t
g
n
e
l
e
v
a
w
n
o
i
s
s
i
m
e
k
a
e
P
λp
0
5
80
8
80
0
9m
nIF
A
m
0
5
=
h
t
d
i
w
d
n
a
b
n
o
it
a
i
d
a
r
m
u
r
t
c
e
p
S
λ
0
4m
nIF
A
m
0
5
=
e
l
g
n
a
y
ti
s
n
e
t
n
i
fl
a
H
θ
0
2
±s
e
e
r
g
e
dIF
A
m
0
5
=
e
m
it
e
s
i
Rr
t5
1s
nIF
A
m
0
5
=
e
m
it
ll
a
Fft5
1s
nIF
A
m
0
5
=


Similar Part No. - GL710

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
GL7101 HYNIX-GL7101 Datasheet
89Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
More results

Similar Description - GL710

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3029A NTE-NTE3029A Datasheet
21Kb / 2P
Infrared-Emitting Diode
logo
Micro Electronics
MI31T MICRO-ELECTRONICS-MI31T Datasheet
79Kb / 2P
INFRARED EMITTING DIODE
MI33T MICRO-ELECTRONICS-MI33T Datasheet
95Kb / 3P
INFRARED EMITTING DIODE
MI51TA-2 MICRO-ELECTRONICS-MI51TA-2 Datasheet
47Kb / 1P
INFRARED EMITTING DIODE
MIB31TA-2 MICRO-ELECTRONICS-MIB31TA-2 Datasheet
42Kb / 1P
INFRARED EMITTING DIODE
MIB57T-J MICRO-ELECTRONICS-MIB57T-J Datasheet
85Kb / 2P
INFRARED EMITTING DIODE
MIB57T-K MICRO-ELECTRONICS-MIB57T-K Datasheet
84Kb / 2P
INFRARED EMITTING DIODE
logo
List of Unclassifed Man...
LN-1A11 ETC-LN-1A11 Datasheet
56Kb / 1P
INFRARED EMITTING DIODE
logo
IDEA.lnc.
IEFC0128 IDEA-IEFC0128 Datasheet
37Kb / 2P
infrared emitting diode
logo
Sharp Corporation
GL480E00000F SHARP-GL480E00000F Datasheet
525Kb / 9P
Infrared Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com