Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA03CC0WT Datasheet(PDF) 6 Page - Rohm

Part # BA03CC0WT
Description  Standard Fixed Output LDO Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA03CC0WT Datasheet(HTML) 6 Page - Rohm

Back Button BA03CC0WT_11 Datasheet HTML 2Page - Rohm BA03CC0WT_11 Datasheet HTML 3Page - Rohm BA03CC0WT_11 Datasheet HTML 4Page - Rohm BA03CC0WT_11 Datasheet HTML 5Page - Rohm BA03CC0WT_11 Datasheet HTML 6Page - Rohm BA03CC0WT_11 Datasheet HTML 7Page - Rohm BA03CC0WT_11 Datasheet HTML 8Page - Rohm BA03CC0WT_11 Datasheet HTML 9Page - Rohm BA03CC0WT_11 Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Technical Note
6/11
www.rohm.com
2011.03 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
BA□□DD0T Series,BA□□CC0T Series,BA□□CC0FP Series
BA□□DD0WT Series,BA□□DD0HFP Series,BA□□CC0WT Series,BA□□CC0WFP Series
Block Diagrams
BA□□CC0WFP/ BA□□DD0WHFP/ BA□□CC0WT/ BA□□DD0WT
Fig.25
PIN No. Pin Name
Function
1
CTL
Output voltage ON/OFF control
2
Vcc
Power supply voltage input
3
N.C/GND Unconnected terminal/GND*1
4
OUT
Voltage output
5
N.C
Unconnected terminal
Fin
GND
GND *2
*1 TO252-5=N.C.,TO220FP-5,HRP5=GND
*2 TO252-5,HRP5 only
BA□□CC0T/ BA□□CC0FP/ BA□□DD0T
Fig.26
PIN No. Pin Name
Function
1
Vcc
Power supply voltage input
2
N.C/GND Unconnected terminal/GND*1
3
OUT
Voltage output
Fin
GND
GND *2
*1 TO252-3=N.C.,TO-220FP3=GND
*2 TO252-3 only
Input / Output Equivalent Circuit Diagrams
< BA□□DD0 Series >
< BA□□CC0 Series >
Fig.27
Fig.28
1
2
3
4
5
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
CTL
Vcc
N.C.
(TO252-5)
GND
(TO220FP-5,HRP5)
OUT
N.C.
Vref
GND(TO252-5・HRP5)
HRP5
1 2 3 4 5
TOP VIEW
FIN
TO252-5
1 2 3 4 5
1 2 3 45
TOP VIEW
TO220FP-5
TOP VIEW
TO220FP-3
2
3
TO252-3
1
FIN
2 3
1
TOP VIEW
(TO220FP-3)
1
2
3
Fin
Vcc
Driver
OVP
TSD
OCP
R2
R1
Vcc
N.C.
OUT
(TO252-3)
GND
Vref
GND(TO252-3)
Vcc
CTL
39kΩ
2kΩ
31kΩ
10kΩ
Vcc
OUT
R2
R1
Vcc
CTL
25kΩ
25kΩ
10kΩ
OUT
R2
R1
Vcc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com