Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA3131FS Datasheet(PDF) 4 Page - Rohm

Part # BA3131FS
Description  Silicon Monolithic Integrated Circuit
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA3131FS Datasheet(HTML) 4 Page - Rohm

  BA3131FS Datasheet HTML 1Page - Rohm BA3131FS Datasheet HTML 2Page - Rohm BA3131FS Datasheet HTML 3Page - Rohm BA3131FS Datasheet HTML 4Page - Rohm BA3131FS Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
REV. B
(6) Shorts between pins and misinstallation
When mounting the LSI on a board, pay adequate attention to orientation and placement discrepancies of the
LSI. If it is misinstalled and the power is turned on, the LSI may be damaged. It also may be damaged if it
is shorted by a foreign substance coming between pins of the LSI or between a pin and a power supply or a
pin and a GND.
(7) Operation in strong magnetic fields
Adequately evaluate use in a strong magnetic field, since there is a possibility of malfunction.
(8) The 13 Pin is the reference output terminal, which outputs 1/2 Vcc. Determine the bypass condenser value
in accordance with the desired characteristics. In addition, as the value may oscillate within the 500pF- 1
F,
make sure to set the bypass condenser value of more than 10
F for alternate grounding. Further, as 12 pin is
located in the reference circuit, make sure to use bypass condenser for ac grounding for reference output.
(Recommended value22
F)
Reference data (these values are intended only as a reference, and performance is not guaranteed)
12 pin bypass capacitor(
F)
Ripple Rejection (fin=100Hz)(dB)
Output Startup Time
10
-35
150
22
-42
300
47
-48
550
*
Measuring condition: With Power Voltage ON (Vcc=8V), Vcc path control, 13 pin path control100
F, the
time which is 90% of equilibrium output voltage
(9) This IC can be stably used in the low grain range (0-2dB). It may oscillate at the capacity load of more than
200pF. [the phase margin 10°Typ.(Ta=85℃, 0dB point)for capacity 200pF] Therefore, caution is required
for using capacity load.
In addition, for using 0db buffer, inserting bias resister of kΩ to minus input will enable stable use against
the capacity load.
(10) Truth value table
※“H” when the applied at pins8 and 9 is 2.0V or more, and “L” when it is 1.0V or less.
ch1
ch2
ch3
OFF
Conditions
SW1(8pin)
H
H
L
L
Correspons to
COM output
SW2(9pin)
H
L
H
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com