| Electronic Components Datasheet Search |
|
BA4584RFV Datasheet(PDF) 2 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BA4584RFV Datasheet(HTML) 2 Page - Rohm |
|
2 / 49 page ![]() Technical Note 2/48 BA4558F,BA4558R F/FV/FVM,BA4560F,BA4560RF/FV/FVM,BA4564RFVBA4580RF/FVM,BA4584FV, BA4584RF/FV,BA8522RF/FV/FVM,BA15218F,BA14741F,BA15532F,BA4510F/FV,BA2115F/FVM www.rohm.com 2011.08 - Rev.B © 2011 ROHM Co., Ltd. All rights reserved. ● Absolute maximum rating (Ta=25[℃]) ○ BA4558/BA4558R family Parameter Symbol Ratings Unit BA4558 family BA4558R family Supply Voltage VCC-VEE +36 V Differential Input Voltage (*1) Vid VCC-VEE 36 V Input common-mode voltage range Vicm VEE~VCC (VEE-0.3)~VEE+36 V Operating Supply Voltage Vopr 8~30 (±4~±15) V Operating Temperature Topr -40~+85 -40~+105 ℃ Storage Temperature Tstg -55~+125 -55~+150 ℃ Maximum Junction Temperature Tjmax +125 +150 ℃ Note: Absolute maximum rating item indicates the condition which must not be exceeded. Application of voltage in excess of absolute maximum rating or use out absolute maximum rated temperature environment may cause deterioration of characteristics. (*1) The voltage difference between inverting input and non-inverting input is the differential input voltage. Then input terminal voltage is set to more than VEE. ● Electrical characteristics ○ BA4558 family (Unless otherwise specified VCC=+15[V], VEE=-15[V], Ta=25[℃]) Parameter Symbol Temperature Range Limits Unit Condition BA4558F Min. Typ. Max. Input Offset Voltage (*2) Vio 25℃ - 0.5 6 mV VOUT=0[V] Input Offset Current (*2) Iio 25℃ - 5 200 nA VOUT=0[V] Input Bias Current (*3) Ib 25℃ - 60 500 nA VOUT=0[V] Supply Current ICC 25℃ - 3 6 mA RL=∞ All Op-Amps VIN+=0[V] Maximum Output Voltage VOM 25℃ ±10 ±13 - V RL≧2[kΩ] 25℃ ±12 ±14 - RL≧10[kΩ] Large Signal Voltage Gain AV 25℃ 86 100 - dB RL≧2[kΩ], VOUT=±10[V], Vicm=0[V] Input Common-mode Voltage Range Vicm 25℃ ±12 ±14 - V Common-mode Rejection Ratio CMRR 25℃ 70 90 - dB Ri≦10[kΩ] Power Supply Rejection Ratio PSRR 25℃ 76.3 90 - dB Ri≦10[kΩ] Slew Rate SR 25℃ - 1.0 - V/μs AV=0[dB], RL≧2[kΩ] Channel Separation CS 25℃ - 105 - dB f=1[kHz] (*2) Absolute value (*3) Current direction: Since first input stage is composed with PNP transistor, input bias current flows out of IC. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |