Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA6285FS Datasheet(PDF) 10 Page - Rohm

Part # BA6285FS
Description  1.0A Reversible Motor Drivers (Single Motor)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA6285FS Datasheet(HTML) 10 Page - Rohm

Back Button BA6285FS Datasheet HTML 6Page - Rohm BA6285FS Datasheet HTML 7Page - Rohm BA6285FS Datasheet HTML 8Page - Rohm BA6285FS Datasheet HTML 9Page - Rohm BA6285FS Datasheet HTML 10Page - Rohm BA6285FS Datasheet HTML 11Page - Rohm BA6285FS Datasheet HTML 12Page - Rohm BA6285FS Datasheet HTML 13Page - Rohm BA6285FS Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Technical Note
10/17
BA6956AN,BA6287F,BA6285FS,BA6285AFP-Y,BA6920FP-Y
www.rohm.com
2011.05 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●
Block diagram and pin configuration
BA6920FP-Y
Fig.33 BA6920FP-Y
Table 5 BA6920FP-Y
Pin
Name
Function
1
NC
NC
2
NC
NC
3
NC
NC
4
NC
NC
5
OUT2
Driver output
6
RNF
Power ground
7
NC
NC
8
GND
GND
9
OUT1
Driver output
10
NC
NC
11
NC
NC
12
NC
NC
13
NC
NC
14
NC
NC
15
NC
NC
16
VM
Power supply (driver stage)
17
VCC
Power supply (small signal)
18
FIN
Control input (forward)
19
PS
Power save enable pin
20
RIN
Control input (reverse)
21
VREF
Reference voltage setting pin
22
NC
NC
23
NC
NC
24
NC
NC
25
NC
NC
FIN
GND
GND
C2
C1
R1
M
C3
17
16
9
18
20
CTRL
TSD
FIN
RIN
VM
VCC
OUT1
6
RNF
19
POWER
SAVE
8
FIN
GND
5
OUT2
21
VREF
R2
R3
Fig.34 BA6920FP-Y (HSOP25)
NC
NC
GND
NC
NC
OUT2
RNF
NC
GND
OUT1
NC
NC
NC
NC
NC
NC
GND
NC
NC
VREF
RIN
PS
FIN
VCC
VM
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com