Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA2902F Datasheet(PDF) 11 Page - Rohm

Part # BA2902F
Description  Ground Sense Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902F Datasheet(HTML) 11 Page - Rohm

Back Button BA2902F Datasheet HTML 7Page - Rohm BA2902F Datasheet HTML 8Page - Rohm BA2902F Datasheet HTML 9Page - Rohm BA2902F Datasheet HTML 10Page - Rohm BA2902F Datasheet HTML 11Page - Rohm BA2902F Datasheet HTML 12Page - Rohm BA2902F Datasheet HTML 13Page - Rohm BA2902F Datasheet HTML 14Page - Rohm BA2902F Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Technical Note
BA10358F/FV, BA10324AF/FV, BA2904SF/FV/FVM, BA2904F/FV/FVM
BA2902SF/FV/KN, BA2902F/FV/KN, BA3404F/FVM
11/25
www.rohm.com
2011.08 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
○
BA2904 family
Low Level Sink Current - Supply Voltage
(VOUT=0.2[V])
Low Level Sink Current - Ambient Temperature
(VOUT=0.2[V])
Input Offset Voltage - Supply Voltage
(Vicm=0[V], VOUT=1.4[V])
Supply Current - Supply Voltage
Supply Current - Ambient Temperature
Derating Curve
Maximum Output Voltage - Supply Voltage
(RL=10[kΩ])
Maximum Output Voltage - Ambient Temperature
(VCC=5[V],RL=2[kΩ])
Output Source Current - Output Voltage
(VCC=5[V])
Output Source Current - Ambient Temperature
(VOUT=0[V])
Output Sink Current - Output Voltage
(VCC=5[V])
Output Sink Current - Ambient Temperature
(VOUT=VCC)
0
10
20
30
40
010
20
30
40
SUPPLY VOLTAGE [V]
0
1
2
3
4
5
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
0
10
20
30
40
50
01234
5
OUTPUT VOLTAGE [V]
25℃
-40℃
-40℃
25℃
105℃
125℃
105℃
125℃
BA2904 family
BA2904 family
BA2904 family
0
10
20
30
40
50
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0.001
0.01
0.1
1
10
100
0
0.4
0.8
1.2
1.6
2
OUTPUT VOLTAGE [V]
0
10
20
30
-50 -25
0
25
50
75 100 125 150
AMBIENT TEMPERATURE [℃]
15V
3V
5V
-40℃
25℃
105℃
3V
5V
15V
125℃
BA2904 family
BA2904 family
BA2904 family
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
0
10
20
30
40
50
60
70
80
-50 -25
0
255075
100 125 150
AMBIENT TEMPERATURE [℃]
-8
-6
-4
-2
0
2
4
6
8
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-40℃
125℃
25℃
32V
5V
3V
-40℃
25℃
125℃
105℃
105℃
BA2904 family
BA2904 family
BA2904 family
0.0
0.2
0.4
0.6
0.8
1.0
0
1020
3040
SUPPLY VOLTAGE [V]
0.0
0.2
0.4
0.6
0.8
1.0
-50 -25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
25℃
125℃
-40℃
3V
32V
5V
BA2904F
BA2904 family
BA2904FV
BA2904FVM
BA2904SFV
BA2904SFVM
105
105℃
BA2904 family
BA2904 family
BA2904SF
Fig. 49
Fig. 50
Fig. 51
Fig. 52
Fig. 53
Fig. 54
Fig. 55
Fig. 56
Fig. 57
Fig. 58
Fig. 59
Fig. 60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com