Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2637 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC2637
Description  Octal 12-/10-/8-Bit I2C VOUT DACs with 10ppm/째C Reference
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2637 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC2637_1 Datasheet HTML 17Page - Linear Technology LTC2637_1 Datasheet HTML 18Page - Linear Technology LTC2637_1 Datasheet HTML 19Page - Linear Technology LTC2637_1 Datasheet HTML 20Page - Linear Technology LTC2637_1 Datasheet HTML 21Page - Linear Technology LTC2637_1 Datasheet HTML 22Page - Linear Technology LTC2637_1 Datasheet HTML 23Page - Linear Technology LTC2637_1 Datasheet HTML 24Page - Linear Technology LTC2637_1 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
LTC2637
21
2637fb
OPERATION
Write Word Protocol
The master initiates communication with the LTC2637
with a START condition and a 7-bit slave address followed
by the Write bit (W) = 0. The LTC2637 acknowledges by
pulling the SDA pin low at the 9th clock if the 7-bit slave
address matches the address of the part (set by CA0, CA1
or CA2) or the global address. The master then transmits
three bytes of data. The LTC2637 acknowledges each byte
of data by pulling the SDA line low at the 9th clock of each
data byte transmission. After receiving three complete bytes
of data, the LTC2637 executes the command specified in
the 24-bit input word.
If more than three data bytes are transmitted after a valid
7-bit slave address, the LTC2637 does not acknowledge the
extra bytes of data (SDA is high during the 9th clock).
The format of the three data bytes is shown in Figure
3. The first byte of the input word consists of the 4-bit
command, followed by the 4-bit DAC address. The next
two bytes contain the 16-bit data word, which consists
of the 12-, 10- or 8-bit input code, MSB to LSB, followed
by 4, 6 or 8 don’t-care bits (LTC2637-12, LTC2637-10
and LTC2637-8, respectively). A typical LTC2637 write
transaction is shown in Figure 4.
The command bit assignments (C3-C0) and address (A3-
A0) assignments are shown in Tables 3 and 4. The first
four commands in the table consist of write and update
operations. A write operation loads a 16-bit data word
from the 32-bit shift register into the input register. In an
update operation, the data word is copied from the input
register to the DAC register. Once copied into the DAC
register, the data word becomes the active 12-, 10-, or
8-bit input code, and is converted to an analog voltage at
the DAC output. Write to and Update combines the first
two commands. The Update operation also powers up the
DAC if it had been in power-down mode. The data path
and registers are shown in the Block Diagram.
Table 3. Command Codes
COMMAND*
C3
C2
C1
C0
0000
Write to Input Register n
0001
Update (Power Up) DAC Register n
0010
Write to Input Register n, Update (Power Up) All
0011
Write to and Update (Power Up) DAC Register n
0100
Power Down n
0101
Power Down Chip (All DAC’s and Reference)
0110
Select Internal Reference (Power Up Reference)
0111
Select External Reference (Power Down Internal
Reference)
1111
No Operation
*Command codes not shown are reserved and should not be used.
Table 4. Address Codes
ADDRESS (n)*
A3
A2
A1
A0
0000
DAC A
0001
DAC B
0010
DAC C
0011
DAC D
0100
DAC E
0101
DAC F
0110
DAC G
0111
DAC H
1111
All DACs
*Address codes not shown are reserved and should not be used.
Reference Modes
For applications where an accurate external reference is
either not available, or not desirable due to limited space,
the LTC2637 has a user-selectable, integrated reference.
The integrated reference voltage is internally amplified
by 2x to provide the full-scale DAC output voltage range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com