Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2990CMS Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2990CMS
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990CMS Datasheet(HTML) 2 Page - Linear Technology

  LTC2990CMS Datasheet HTML 1Page - Linear Technology LTC2990CMS Datasheet HTML 2Page - Linear Technology LTC2990CMS Datasheet HTML 3Page - Linear Technology LTC2990CMS Datasheet HTML 4Page - Linear Technology LTC2990CMS Datasheet HTML 5Page - Linear Technology LTC2990CMS Datasheet HTML 6Page - Linear Technology LTC2990CMS Datasheet HTML 7Page - Linear Technology LTC2990CMS Datasheet HTML 8Page - Linear Technology LTC2990CMS Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC2990

2990f
pin conFiguraTion
absoluTe MaxiMuM raTings
(Note 1)
1
2
3
4
5
V1
V2
V3
V4
GND
10
9
8
7
6
VCC
ADR1
ADR0
SCL
SDA
TOP VIEW
MS PACKAGE
10-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 150°C/W
orDer inForMaTion
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2990CMS#PBF
LTC2990CMS#TRPBF
LTDSQ
10-Lead Plastic MSOP
0°C to 70°C
LTC2990IMS#PBF
LTC2990IMS#TRPBF
LTDSQ
10-Lead Plastic MSOP
–40°C to 85°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC2990CMS
LTC2990CMS#TR
LTDSQ
10-Lead Plastic MSOP
0°C to 70°C
LTC2990IMS
LTC2990IMS#TR
LTDSQ
10-Lead Plastic MSOP
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Contact LTC Marketing for parts trimmed to ideality factors other than 1.004.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Supply Voltage VCC................................... –0.3V to 6.0V
Input Voltages V1, V2, V3, V4, SDA, SCL,
ADR1, ADR2..................................–0.3V to (VCC + 0.3V)
Operating Temperature Range
LTC2990C................................................ 0°C to 70°C
LTC2990I .............................................–40°C to 85°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec)...................300°C
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VCC = 3.3V, unless otherwise noted.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
General
VCC
Input Supply Range
l
2.9
5.5
V
ICC
Input Supply Current
During Conversion, I2C Inactive
l
1.1
1.8
mA
ISD
Input Supply Current
Shutdown Mode, I2C Inactive
l
1
5
µA
VCC(UVL)
Input Supply Undervoltage Lockout
l
1.3
2.1
2.7
V
Measurement Accuracy
TINT(TUE)
Internal Temperature Total Unadjusted
Error
LTC2990C
LTC2990I
TAMB = –40°C to 25°C
TAMB = 25°C to 85°C
l
l
l
l
–3
–2
–3
±1
1
±1
±2.5
5
5
1
°C
°C
°C
°C
TRMT(TUE)
Remote Diode Temperature Total
Unadjusted Error
η = 1.004 (Note 4)
l
±0.5
±1.5
°C
VCC(TUE)
VCC Voltage Total Unadjusted Error
2.9V ≤ VCC ≤ 5.5V
l
±0.1
±0.25
%
Vn(TUE)
V1 Through V4 Total Unadjusted Error
0V ≤ VN ≤ VCC, Vn ≤ 4.9V
l
±0.1
±0.25
%
VDIFF(TUE)
Differential Voltage Total Unadjusted Error
V1 – V2 or V3 – V4
–300mV ≤ VD ≤ 300mV
l
±0.2
±0.75
%
VDIFF(MAX)
Maximum Differential Voltage
l
–300
300
mV
VDIFF(CMR)
Differential Voltage Common Mode Range
l
0
VCC
V
VLSB(DIFF)
Differential Voltage LSB Weight
19.42
µV
VLSB(SINGLE-ENDED) Single-Ended Voltage LSB Weight
305.18
µV
VLSB(TEMP)
Temperature LSB Weight
Celsius or Kelvin
0.0625
Deg
TNOISE
Temperature Noise
Celsius or Kelvin
TMEAS = 46ms (Note 2)
0.2
0.05
°RMS
°/√Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com