Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2990IMSTR Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2990IMSTR
Description  I2C Temperature, Voltage and Current Monitor
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2990IMSTR Datasheet(HTML) 4 Page - Linear Technology

  LTC2990IMSTR Datasheet HTML 1Page - Linear Technology LTC2990IMSTR Datasheet HTML 2Page - Linear Technology LTC2990IMSTR Datasheet HTML 3Page - Linear Technology LTC2990IMSTR Datasheet HTML 4Page - Linear Technology LTC2990IMSTR Datasheet HTML 5Page - Linear Technology LTC2990IMSTR Datasheet HTML 6Page - Linear Technology LTC2990IMSTR Datasheet HTML 7Page - Linear Technology LTC2990IMSTR Datasheet HTML 8Page - Linear Technology LTC2990IMSTR Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC2990

2990f
TINTERNAL Error
Remote Diode Error with LTC2990
at 25°C, 90°C
Remote Diode Error with LTC2990
at Same Temperature as Diode
Typical perForMance characTerisTics
Supply Current vs Temperature
Shutdown Current vs Temperature
Measurement Delay Variation
vs T Normalized to 3.3V, 25°C
VCC TUE
Single-Ended VX TUE
Differential Voltage TUE
TA = 25°C, VCC = 3.3V unless otherwise noted
TAMB (°C)
–50
2.0
2.5
3.0
25
50
75 100 125
2990 G01
1.5
1.0
–25
0
150
0.5
0
3.5
VCC = 5V
VCC = 3.3V
TAMB (°C)
–50
1050
1100
1150
25
50
75 100 125
2990 G02
–25
0
150
1000
950
1200
VCC = 5V
VCC = 3.3V
TAMB (°C)
–50
1
2
3
25
50
75 100 125
2990 G03
–25
0
150
0
–1
4
VCC = 5V
VCC = 3.3V
TAMB (°C)
–50
0
0.05
25
50
75 100 125
2990 G04
–25
0
150
–0.05
–0.10
0.10
TAMB (°C)
–50
0
0.05
25
50
75 100 125
2990 G05
–25
0
150
–0.05
–0.10
0.10
TAMB (°C)
–50
0
0.5
25
50
75 100 125
2990 G06
–25
0
150
–0.5
–1.0
1.0
VCC = 5V
VCC = 3.3V
BATH TEMPERATURE (°C)
–50
0.2
0.4
25
50
75 100 125
2990 G08
0
–0.2
–25
0
150
–0.4
–0.6
0.6
LTC2990
AT 25°C
LTC2990
AT 90°C
TAMB (°C)
–50
1
2
3
25
50
75 100 125
2990 G07
0
–1
–25
0
150
–2
–3
4
TAMB (°C)
–50
0.25
0.50
0.75
25
50
75 100 125
2990 G09
0
–0.25
–25
0
150
–0.50
–1.00
–0.75
1.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com