Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1A21 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP1A21
Description  OPIC Photointerrupter with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1A21 Datasheet(HTML) 1 Page - Sharp Corporation

  GP1A21 Datasheet HTML 1Page - Sharp Corporation GP1A21 Datasheet HTML 2Page - Sharp Corporation GP1A21 Datasheet HTML 3Page - Sharp Corporation GP1A21 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP1A21
GP1A21
s Features
s Applications
1. Snap-in mounting type
2. Uses 3-pin connector terminal
3. High sensing accuracy ( Slit width : 0.5mm )
4. Wide gap between light emitter and detec-
tor ( 5mm )
1. Copiers
2. Printers
3. Facsimiles
s Outline Dimensions
(Unit : mm )
*1 Collector-emitter voltage of output transistor
*2 Collector current of output transistor
*3 The connector should be plugged in/out and the unit's hook
s Absolute Maximum Ratings
(Ta= 25˚C )
5.0 5.0 5.0
15.5
0.9
22.0
19.8
11.8
4.0
3.0
6.8
3.4
Slit width
4.0
3.4
Voltage regulator
Internal connection diagram
1
2
3
1
2
3
Amp.
1 GND
2 - 0.9
Parameter
Symbol
Rating
Unit
Supply voltage
V CC
- 0.5 to + 7
V
*1 Output voltage
VO
- 0.5 to + 28
V
*2 Low level output current
IOL
50
mA
*3 Operating temperature
Topr
- 20 to + 75
˚C
*3 Storage temperature
Tstg
- 30 to + 85
˚C
Dimensions(d) Tolerance
d< 5.0
± 0.15
5.0<=d< 15.0
± 0.2
15.0<=d
± 0.3
Note ) Terminal No. shown in the above figure is
sometimes different from the number shown
on the connector.
should be used at normal temperature.
OPIC Photointerrupter with
Connector
g
* ( ) : Reference dimensions
g MOLEX JAPAN CO., LTD.
An OPIC consists of a light-detecting element and signal-
processing circuit integrated onto a single chip.
*“ OPIC” ( Optical IC ) is a trademark of the SHARP Corporation.
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
* Unspecified tolerances shall be as follows;
made connector 5267-03A
Recommended connectors on
the inserted side
Housing : 5264-03
Terminal : 5263 PBT etc.
2 V O
3 VCC
0.5
± 0.1
15.8
± 0.1
3.0 ± 0.1
10.8 ± 0.1


Similar Part No. - GP1A21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A20 SHARP-GP1A20 Datasheet
60Kb / 4P
OPIC Photointerrupter with Cover Case
GP1A22LC SHARP-GP1A22LC Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A23LC SHARP-GP1A23LC Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A25LC SHARP-GP1A25LC Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A26LC SHARP-GP1A26LC Datasheet
54Kb / 4P
OPIC Photointerrupter with Connetor
More results

Similar Description - GP1A21

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP1A05 SHARP-GP1A05 Datasheet
61Kb / 4P
OPIC Photointerrupter with Connector
GP1A10 SHARP-GP1A10 Datasheet
54Kb / 4P
OPIC Photointerrupter with Connetor
GP1A34LC SHARP-GP1A34LC Datasheet
43Kb / 4P
OPIC Photointerrupter with Connector
GP1A50HR SHARP-GP1A50HR Datasheet
82Kb / 5P
OPIC Photointerrupter
GP1A52LR SHARP-GP1A52LR Datasheet
51Kb / 4P
OPIC Photointerrupter
GP1A58HR SHARP-GP1A58HR Datasheet
50Kb / 4P
OPIC Photointerrupter
GP1A73A SHARP-GP1A73A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A74A SHARP-GP1A74A Datasheet
51Kb / 4P
Compact OPIC Photointerrupter with Connector
GP1A75E SHARP-GP1A75E Datasheet
42Kb / 3P
Small Size OPIC Photointerrupter with Connector
GP1A05A2 SHARP-GP1A05A2 Datasheet
62Kb / 5P
OPIC Photointerrupter with Connector
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com