Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SMPP Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # 2SMPP
Description  MEMS Gauge Pressure Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

2SMPP Datasheet(HTML) 2 Page - Omron Electronics LLC

  2SMPP Datasheet HTML 1Page - Omron Electronics LLC 2SMPP Datasheet HTML 2Page - Omron Electronics LLC 2SMPP Datasheet HTML 3Page - Omron Electronics LLC 2SMPP Datasheet HTML 4Page - Omron Electronics LLC 2SMPP Datasheet HTML 5Page - Omron Electronics LLC 2SMPP Datasheet HTML 6Page - Omron Electronics LLC 2SMPP Datasheet HTML 7Page - Omron Electronics LLC 2SMPP Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
36
MEMS Gauge Pressure Sensor
2SMPP
Specifications
■ Ratings
Note: 1. The above values are initial values measured at ambient temperature condition of 23
°C.
2. Please avoid caustic gases.
3. Standard product is not calibrated for negative pressures.
■ Electrical Characteristics
Note: 1. The above values are initial values measured at ambient temperature condition of 23
°C.
2. Not including temperature influence.
■ Environment Characteristics
Item
2SMPP-02
Pressure type
Gauge Pressure
Sensing type
Piezo Resistive
Applicable gases
Air (Non-corrosive, dust free)
Ratings
Pressure range
0 to 37 kPa
Withstand pressure
Max. 53 kPa
Supply current
100
μADC
Current consumption
Max. 130
μADC
Ambient operating temperature
0 to 50
°C (with no icing or condensation)
Ambient operating humidity
15 to 90%RH (with no icing or condensation)
Ambient storage temperature
−30 to 85°C (with no icing or condensation)
Ambient storage humidity
10 to 95%RH (with no icing or condensation)
Item
2SMPP-02
Bridge resistance
20
± 2 kΩ
Offset voltage (See note 2.)
−2.5 ± 4.0 mV
Span voltage (See note 2.)
31.0
± 3.1 mV (at 37 kPa)
Non-Linearity (See note 2.)
0
± 0.8%FS (0 to 37 kPa)
Hysteresis (See note 2.)
0
± 0.5%FS (0 to 37 kPa)
Temperature influence of Span
0.5
± 1.0%FS (at 0°C)
0.3
± 1.0%FS (at 50°C)
Temperature influence of Offset
0
± 3.0%FS (0 to 25°C)
0
± 3.0%FS (25 to 50°C)
Item
2SMPP-02
Vibration resistance
Destruction
10 Hz to 500 Hz 10 G
Malfunction
10 Hz to 500 Hz 10 G
Shock resistance
Destruction
15 G
Malfunction
15 G
Life Expectancy
300,000 Operations min. (0 to 39 kPa)
ESD
1000 V (Human body model)
Weight
0.17 g
Package Material
PPS (Polyphenylenesulfide)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com