Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # B3F
Description  Tactile Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B3F Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button B3F Datasheet HTML 4Page - Omron Electronics LLC B3F Datasheet HTML 5Page - Omron Electronics LLC B3F Datasheet HTML 6Page - Omron Electronics LLC B3F Datasheet HTML 7Page - Omron Electronics LLC B3F Datasheet HTML 8Page - Omron Electronics LLC B3F Datasheet HTML 9Page - Omron Electronics LLC B3F Datasheet HTML 10Page - Omron Electronics LLC B3F Datasheet HTML 11Page - Omron Electronics LLC B3F Datasheet HTML 12Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
228
Tactile Switch
B3F
■ 6 x 6 mm Radial Taped Models: Sold in units of 1,000 switches
Note: Terminal numbers are not indicated on this switch. With the switch turned over so that the logo mark “OMRON” is visible on the upper part
of the rear side of the switch base, the terminal on the top of the logo mark is numbered “1” and that on the bottom is “2.”
Flat Plunger Type
(without Ground Terminal)
B3F-6000, B3F-6002
Flat Plunger Type
(with Ground Terminal)
B3F-6100, B3F-6102
Flat Plunger Type
(without Ground Terminal)
B3F-6020, B3F-6022
5
±0.2
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
PCB Mounting
(Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement
/Internal Connections
(Top View)
Note: The tape is random
between
surface A
and surface B.
Note: The tape is random
between
surface A
and surface B.
0.5
(1.1)
0.9
0.2 max.
0.3
4.3
3.4
0.5 max.
5
+0.8
−0.2
12.7±1
9±0.5
6
12.7±0.3
4 dia. ±0.2
9
0.5 max.
2 max.
6.35±1
18
+1
−0.5
18
+1
0
Support
tape
Carrier tape
6±0.3
3.5 dia.
6±0.3
5±0.2
2
0.5
(1.1)
0.9
0.2 dia.
0.3
0.6
4.3
3.4
0.5 max.
5
+0.8
−0.2
3.1
5±0.1
5±0.1
Three, 1
+0.1
0 dia.
21
3
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
11
20±0.5
0.5 max.
2 max.
6.35±1
18
+1
−0.5
Support
tape
Support
tape
Carrier tape
6±0.3
3.5 dia.
Surface A
Surface B
6±0.3
6±0.3
3.5 dia.
Surface A
Surface B
6±0.3
0.5
(1.1)
0.9
0.2 max.
0.3
5
3.4
0.5 max.
5
+0.8
−0.2
5±0.1
Two, 1
+0.1
0 dia.
21
5±0.1
Two, 1
+0.1
0 dia.
21
12.7±1
9±0.5
6
12.7±0.3
4±0.2 dia.
9
0.5 max.
2 max.
6.35±1
18
+1
0
18
+1
−0.5
Carrier tape



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com