Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D6F-P0010AM2 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # D6F-P0010AM2
Description  MEMS Mass Flow Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

D6F-P0010AM2 Datasheet(HTML) 3 Page - Omron Electronics LLC

  D6F-P0010AM2 Datasheet HTML 1Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 2Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 3Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 4Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 5Page - Omron Electronics LLC D6F-P0010AM2 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MEMS Mass Flow Sensor
D6F-P
9
Dimensions
Note: All units are in millimeters unless otherwise indicated.
5.08
2.54
Two 3-dia.
through holes
13.5
Three lands,
Dia.: 1.3
Three through holes
Dia.: 0.8
4.76
9.8
2.6 dia.
23.3
11.7
Two, 4.9 dia.
1.2
7.3
13.5
4.76
2.8 dia.
Two, R1.4
1.5
6
10
17.2
Two, 1.1 dia.
Label
A
2.54
5.08
Detailed View of A
Recommended Dimensions
for Connector Mounting Holes
XG8V-0344
Connector
Made by OMRON
Vout
Vcc
GND
Label: Gives model and lot numbers.
27.2
1.7
6
16.2
14
7.6±0.2
13.2
7.2
7.2
PCB terminals with Flange Mount
D6F-P0001A1 / D6F-P0010A1
2.6 dia.
23.3
11.7
Two, 4.9 dia.
1.2
7.3
13.5
2.8 dia.
Two, R: 1.4
1.5
10
17.2
8.5
A
Two, 1.1 dia.
Label
Detailed View of A
3.Vcc
2.Vout
1.GND
Label: Gives model
and lot numbers.
8.5
27.2
1.7
6
14
16.2
7.6±0.2
13.2
0.3±0.1
1. GND
Label
2-C0.3
2. Vout
3. Vcc
Detailed View of A
Antirotain groove
Detailed View of B
Connector
3.5 dia.
27.2
22
14±0.05
2.7±0.1
0.3±0.1
6.7±0.1 *1
18
22
8
2
6.4 9.6
Two, 4
dia.
0
-0.05
1
+0.1
0
A
B
Connector with Flange Mount
D6F-P0010A2
Connector with Manifold Mount
D6F-P0010AM2
Note: 1. Use M3 or M2.6 pan screw or tapping screw
with an equal diameter for installation. And
bind tight with 0.59N·m or less torque.
2. Use an attached connector. Manufactured
by JST Mfg Co., Ltd. (Japan) for A2 and
AM2 types.
• Pressure welding connector
Socket: 03SR-3S
Wire: AWG#30
• Crimp type connector
Contact: SSH-003T-P0.2|
Wire: AWG#32 to #28
• Housing: SHR-03V-S
3. O-rings are not attached. 4mm ID tube
recommended for D6F-P0010A1 and
D6F-P0010A2 types.
15
±3
(5)
180
±10
White wire
Black wire
Red wire
1. GND
2. Vout
3. Vcc
Applicable Cable for D6F-P0010A
@2 (Optional - sold separately)
part number: D6F-CABLE2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com