Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1F2 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # 1F2
Description  1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

1F2 Datasheet(HTML) 1 Page - Micro Commercial Components

  1F2 Datasheet HTML 1Page - Micro Commercial Components 1F2 Datasheet HTML 2Page - Micro Commercial Components 1F2 Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1F1
THRU
1.0 Amp Fast
Recovery Plastic
Rectifier
50 to 1000 Volts
Features
Maximum Ratings
•
Operating Temperature: -55
°C to +150°C
•
Storage Temperature: -55
°C to +150°C
•
For capacitive load. Derate current by 20%
•
Typical Thermal Resistance: 67
oC/W Junction to Ambient.
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum DC
Blocking
Voltage
1F1
50V
35V
50V
1F2
100V
70V
100V
1F3
200V
140V
200V
1F4
400V
280V
400V
1F5
600V
420V
600V
1F6
800V
560V
800V
1F7
1000V
700V
1000V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0 A
TC = 55
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
VF
1.3V
IFM = 1.0A;
TC = 25
°C
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5.0
µA
500uA
TC = 25
°C
TC = 100
°C
Typical Junction
Capacitance
CJ
12pF
Measured at
1.0MHz, VR=4.0V
Maximum Reverse
Recovery Time
1F1-1F4
1F5
1F6-1F7
trr
150ns
250ns
500ns
IF=0.5A,
IR=1A,
Irr=0.25A
1F7
R-1
MIN
MAX
MIN
MAX
A
0.116
0.140
2.90
3.50
B
0.091
0.102
2.30
2.60
C
0.020
0.024
0.50
0.60
D
0.787
-----
20.00
-----
DIMENSIONS
DIM
INCHES
MM
NOTE
A
B
D
D
C
Cathode Mark
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
www.mccsemi.com
Revision: A
2011/01/01
TM
Micro Commercial Components
1 of 3
•
Marking : Cathode band and type number
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
• Fast Switching for High Efficiency and Low Leakage
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
•
Moisture Sensitivity Level 1
•
Epoxy meets UL 94 V-0 flammability rating


Similar Part No. - 1F2

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1F2 PANJIT-1F2 Datasheet
57Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Rectron Semiconductor
1F2 RECTRON-1F2 Datasheet
25Kb / 2P
FAST RECOVERY RECTIFIER
logo
Dc Components
1F2 DCCOM-1F2 Datasheet
409Kb / 2P
TECHNICAL SPECIFICATIONS OF MINIATURE FAST RECOVERY RECTIFIER
logo
Formosa MS
1F2 FORMOSA-1F2 Datasheet
33Kb / 2P
1.0 AMP FAST RECOVERY RECTIFIERS
logo
GOOD-ARK Electronics
1F2 GOOD-ARK-1F2 Datasheet
155Kb / 2P
FAST SWITCHING PLASTIC RECTIFIER
More results

Similar Description - 1F2

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
1F1 MCC-1F1 Datasheet
89Kb / 2P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
FR301GP MCC-FR301GP Datasheet
80Kb / 3P
3 Amp Fast Recovery Rectifier 50 to 1000 Volts
RL101GP MCC-RL101GP Datasheet
248Kb / 2P
1.0 Amp Standard Recovery Rectifier 50-1000 Volts
logo
Solid States Devices, I...
SPD5615 SSDI-SPD5615 Datasheet
183Kb / 2P
1.0 AMP 200 - 1000 VOLTS FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
FR10A MCC-FR10A_11 Datasheet
247Kb / 4P
10 Amp Fast Recovery Rectifier 50 to 1000 Volts
FR151 MCC-FR151_11 Datasheet
747Kb / 4P
1.5 Amp Fast Recovery Rectifier 50 to 1000 Volts
FSM11PL MCC-FSM11PL_11 Datasheet
176Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
1F1 MCC-1F1_13 Datasheet
453Kb / 3P
1.0 Amp Fast Recovery Plastic Rectifier 50 to 1000 Volts
1F1G MCC-1F1G_14 Datasheet
482Kb / 3P
1.0 Amp Glass Passivated Fast Recovery Rectifier 50~1000 Volts
FSM11PL MCC-FSM11PL_13 Datasheet
168Kb / 3P
1.0 Amp Fast Recovery Rectifier 50 to 1000 Volts
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com