Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TRSL-9102G Datasheet(PDF) 4 Page - Optoway Technology Inc

Part # TRSL-9102G
Description  3.3V / 1310 nm / 2.5 Gbps RoHS Compliant SFF LC SINGLE-MODE TRANSCEIVER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

TRSL-9102G Datasheet(HTML) 4 Page - Optoway Technology Inc

  TRSL-9102G Datasheet HTML 1Page - Optoway Technology Inc TRSL-9102G Datasheet HTML 2Page - Optoway Technology Inc TRSL-9102G Datasheet HTML 3Page - Optoway Technology Inc TRSL-9102G Datasheet HTML 4Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Optoway
TRSL-9102G
**********************************************************************************************************************************************************************
*********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw http: // www.optoway.com.tw
1/1/2011 V4.0
4
PACKAGE DIAGRAM
Units in mm
1) Standard Case
TRSL-9102G / TRSL-9102AG
2) Extended Case
TRSL-9102EG / TRSL-9102AEG
Note: Specifications subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com