Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP1L50 Datasheet(PDF) 4 Page - Sharp Corporation

Part # GP1L50
Description  High Sensitivity Photointerrupter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP1L50 Datasheet(HTML) 4 Page - Sharp Corporation

  GP1L50 Datasheet HTML 1Page - Sharp Corporation GP1L50 Datasheet HTML 2Page - Sharp Corporation GP1L50 Datasheet HTML 3Page - Sharp Corporation GP1L50 Datasheet HTML 4Page - Sharp Corporation GP1L50 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GP1L50/GP1L51/GP1L52V/GP1L54
10 -11
1
10%
Test Circuit for Response Time
Output
Input
90%
Input
Output
2
5
10
20
50 100 200
500
1000
1
2
5
10
20
50
100
200
500
1000
0
255075
100
Fig.10 Frequency Response
Frequency f ( Hz )
2
0
55
25
25
2
1k
Ω
100
Ω
10
Ω
5
10 -10
5
10-9
5
10-8
5
10-7
5
10-6
5
V CE=2V
IC= 10mA
T a= 25˚C
tr
tf
td
ts
Load resistance R L ( Ω )
RD
VCC
RL
td
tr
ts
tf
RL=
V CE=2V
IC= 10mA
T a= 25˚C
VCE= 10V
10-5
5
10-4
Ambient temperature T a (˚C)
Fig. 9 Response Time vs.
Load Resistance
Fig.11 Collector Dark Current vs.
Ambient Temperature
- 1.5
0
0.5
0
Shield distance L ( mm )
- 1.0 - 0.5
2.5
50
100
(Detector center )
Detector
Shield
L
0
+
-
-
+
0
Shield
Detector
Shield distance L ( mm )
2.0
1.5
1.0
100
50
-1
-2
0
1
0
- 3
2345
IF= 1mA,V CE=2V
T a= 25˚C
Fig. 13 Relative Collector Current vs.
Shield Distance ( 2 )
Fig.12 Relative Collector Current vs.
Shield Distance ( 1 )
IF= 1mA, V CE=2V
T a= 25˚C
106
105
104
103
-5
-10
-15
-25
-20



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com