Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCB2000 Datasheet(PDF) 1 Page - Glenair, Inc.

Part # GCB2000
Description  Fiber Optic CleanBlast짰 Cleaning Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

GCB2000 Datasheet(HTML) 1 Page - Glenair, Inc.

  GCB2000 Datasheet HTML 1Page - Glenair, Inc. GCB2000 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M-6
GLENAIR, INC. 1211 AIR WAY GLENDALE, CA 91201-2497 818-247-6000 FAX 818-500-9912
© 2006 Glenair, Inc.
Printed in U.S.A.
CAGE Code 06324
www.glenair.com
E-Mail: sales@glenair.com
GCB1000, GCB2000 and GCB3000
Fiber Optic CleanBlast® Cleaning Systems
for Fiber Optic Connectors
n
Faster, More Effective and Less Costly than using
Swabs or other Cleaning Methods
n
Excellent at Removing–Instead of Spreading–Debris
and Oils around the Ferrule Surface
n
Complete Selection of Tips Available
n
Cost per Cleaning Cycle: One Cent!
n
Rugged Watertight Case
n
Optional Add-Ons for Advanced Optical Testing of
MIL-PRF-29504 Termini with Quick Capture Analog
Probe (6-4 pin Converter) and FiberChek Software for
Quick Capture Capability on Your PC.
Glenair’s CleanBlast® Systems Provide Rapid, Controlled Cleaning
and Removal of Contamination from Fiber Optic End-Faces
The CleanBlast® system creates a laminar flow of a highly filtered gas across the surface of the fiber.
A solvent is then introduced and atomized to create a cleaning mist that leaves the fiber conrtamination
free (MSDS data sheet is available), ensuring that your cable is serving at its optimal performance.
Basic Part Number
Includes:
• Portable CleanBlast®
with LCD Monitor
and Inspection
Probe in Ruggedized
Case
• 2.5 mm and 1.25 mm
Patch Cord Inspection Tips
• Universal 2.5 mm Bulkhead
Cleaning Tip
• Glenair Swabs
Optional Quick Capture
Analog Probe with
6 Pin to 4 Pin Converter
(Omit for None)
GCB1000-U
Basic Part Number
Includes:
• Portable CleanBlast®
• Glenair Swabs
GCB2000
Basic Part Number
Includes:
• Universal 2.5 mm Bulkhead
Cleaning Tip
• Glenair Swabs
Optional Digital Mounting
Monitor with Inspection Probe
and 2.5 mm & 1.25 mm Patch
Cord Inspection Tips
GCB3000-M
Complete CleanBlast®
Inspection System
CleanBlast®
Basic Kit
Laboratory
Bench Model
Fiber check software can be downloaded from:
http://www.westoverfiber.com


Similar Part No. - GCB2000

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
GCB-B AMPHENOL-GCB-B Datasheet
2Mb / 54P
Inhaltsverzeichnis
GCB-BODBXX AMPHENOL-GCB-BODBXX Datasheet
2Mb / 54P
Inhaltsverzeichnis
GCB-KABXX AMPHENOL-GCB-KABXX Datasheet
2Mb / 54P
Inhaltsverzeichnis
GCB-KBBXX AMPHENOL-GCB-KBBXX Datasheet
2Mb / 54P
Inhaltsverzeichnis
GCB-KCBXX AMPHENOL-GCB-KCBXX Datasheet
2Mb / 54P
Inhaltsverzeichnis
More results

Similar Description - GCB2000

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-R3K2 UOT-MOF-R3K2 Datasheet
67Kb / 4P
Fiber Optic Receiver
MOF-T3K2 UOT-MOF-T3K2 Datasheet
47Kb / 4P
Fiber Optic Transmitter
logo
ITT Industries
FPA ITT-FPA Datasheet
74Kb / 1P
Fiber Optic
logo
Zarlink Semiconductor I...
ZL60304 ZARLINK-ZL60304_07 Datasheet
274Kb / 6P
Parallel Fiber Optic Transceiver Parallel Fiber Optic Transceiver
logo
JDS Uniphase Corporatio...
FBE-SM1-C JDSU-FBE-SM1-C Datasheet
1Mb / 4P
Fiber Inspection and Cleaning Kits
logo
Glenair, Inc.
187-021 GLENAIR-187-021 Datasheet
191Kb / 1P
Fiber Optic Cleaning Swab
187-045 GLENAIR-187-045 Datasheet
192Kb / 1P
Fiber Optic Cleaning Swab
logo
TE Connectivity Ltd
408-8895 TEC-408-8895 Datasheet
256Kb / 2P
Installation and Cleaning Procedures for Fiber Optic Buildout Attenuators
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
FIBER-OPTIC SENSORS AND FIBER
logo
List of Unclassifed Man...
TKT-CLEAN-SFC ETC-TKT-CLEAN-SFC Datasheet
151Kb / 2P
Fiber Optic Cleaning Toolkit Single-fiber and Duplex connectors
2022-10-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com