Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2A18F Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2A18F
Description  Visible Light Cut-off Type Photointerrupters with Connector
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2A18F Datasheet(HTML) 3 Page - Sharp Corporation

  GP2A18F Datasheet HTML 1Page - Sharp Corporation GP2A18F Datasheet HTML 2Page - Sharp Corporation GP2A18F Datasheet HTML 3Page - Sharp Corporation GP2A18F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GP2A16/GP2A18F
0.5
0.4
0.3
0.2
0.1
0
- 25
0
25
50
75
100
I OL
Ambient temperature T a (˚C)
0
0.1
0.2
0.3
0.4
0.5
- 25
0
25
50
75
100
I OL
Ambient temperature T a (˚C)
10
20
30
4.5
5.0
5.5
T a
25˚C
Supply voltage VCC (V)
20
10
4.5
5.0
5.5
25˚C
T a = 70˚C
Supply voltage V CC (V)
- 10˚C
0
1
2
3
4
5
(GP2A16 )
Detecting distance d ( mm )
Black artwork tape
Black suede
02468
10
12
Reflective object:
Reflective object:
V CC=5V
T a = 25˚C
(GP2A16)
(GP2A18F)
(GP2A16)(GP2A18F)
30
Fig. 3-a Low Level Output Voltage vs.
Ambient Temperature
= 3mA
1mA
Fig. 3-b Low Level Output Voltage vs.
Ambient Temperature
= 3mA
1mA
Fig. 4-b Dissipation Current vs.
Supply Voltage
Fig. 4-a Dissipation Current vs.
Supply Voltage
Fig. 5-a Detecting Distance Characteristics
5
4
3
2
1
0
(GP2A18F)
02468
10
12
Reflective object:
White PPC paper
Black artwork tape
Reflective object:
Fig. 5-b Detecting Distance Characteristics
= 70˚C
- 10˚C
Detecting distance d ( mm )
VCC =5V
Ta= 25˚C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com