Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2D05 Datasheet(PDF) 3 Page - Sharp Corporation

Part # GP2D05
Description  Distance Measuring Sensor of 1-bit Output
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2D05 Datasheet(HTML) 3 Page - Sharp Corporation

  GP2D05 Datasheet HTML 1Page - Sharp Corporation GP2D05 Datasheet HTML 2Page - Sharp Corporation GP2D05 Datasheet HTML 3Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Setting shall be available to optional distance
within the measuring range (
∆L : 10 to 80 cm).
0
1020304050
0
1
60
70
80
90
100
Fig. 1 Distance Measuring Output vs. Distance to Reflective Object
Fig. 2 Detection Distance vs. Sensing Range
GP2D05
Sensing range X (mm)
Illuminance (lx)
Test Method for Sensing Range Characteristics
Test Method for Anti External Disturbing
Light Characteristics
Reflective object
KODAK made white paper
(reflectivity : 90%)
Distance to reflective object
Sensor
Sunlight
Illuminance meter
Fig. 3 Detection Distance vs. Illuminance
Sensing range X (cm)
White paper : KODAK made gray chart R-27,
white surface (reflectivity : 90%)
Gray paper : KODAK made gray chart R-27,
gray surface (reflectivity : 18%)
Reflective object
Sensor
Emitting portion
Detecting portion
White paper
(reflectivity : 90%)
Reflective object
- X
+ X
0
5000
10000
15000
20000
25000
30000
0
10
20
30
40
50
60
70
80
90
100
50cm
30cm
15cm
- 100
- 50
0
50
100
0
10
20
30
40
50
60
70
80
90
100
Sensing distance : 80 cm
Sensing distance : 50 cm
Sensing distance : 20 cm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com