Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2S28 Datasheet(PDF) 1 Page - Sharp Corporation

Part # GP2S28
Description  Long Focal Distance, Case Type Photointerrupter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2S28 Datasheet(HTML) 1 Page - Sharp Corporation

  GP2S28 Datasheet HTML 1Page - Sharp Corporation GP2S28 Datasheet HTML 2Page - Sharp Corporation GP2S28 Datasheet HTML 3Page - Sharp Corporation GP2S28 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GP2S28
s Outline Dimensions
(Unit : mm )
s Features
s Absolute Maximum Ratings
(Ta = 25˚C)
s Applications
∗1 Pulse width <= 100 µ s, Duty ratio: 0.01
∗2 For 5 seconds
GP2S28
Long Focal Distance, Case
1. Long focal distance type
( Detecting range: 6mm )
2. Facsimiles
3. Printers
Parameter
Symbol
Rating
Unit
Input
Forward current
IF
60
mA
∗1Peak forward current
I FM
1A
Reverse voltage
VR
6V
Power dissipation
P
150
mW
Output
Collector-emitter voltage
VCEO
35
V
Emitter-collector voltage
VECO
6V
Collector current
IC
20
mA
Collector power dissipation
PC
50
mW
T opr
- 25 to + 85
˚C
Storage temperature
T stg
- 40 to + 85
˚C
∗2Soldering temperature
T sol
260
˚C
(4)
(2)
5
1 Anode
2 Cathode
3 Emiiter
4 Collector
23
4
1
Internal connection diagram
Surface of sensor
(4)
(5)
5.4
(0.6)
(0.6)
1
4
3
2
1. CD players
Operating temperature
∗ Unspecified tolerance :± 0.2mm
∗ ( ): Reference dimensions
∗ Thin burr is not included
in tolerance.
2. With pins for protection of wrong insertion
3. Snap-in mounting type
Type Photointerrupter
data books, etc. Contact SHARP in order to obtain the latest version of the device specification sheets before using any SHARP's device.”
“ In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that occur in equipment using any of SHARP's devices, shown in catalogs,
12.8
+ 0.2
- 0.3
13
+ 0
- 0.3
4 - 0.45
+ 0.15
- 0.1
2 - 0.5
+ 0.2
- 0
3
+ 0
- 0.1
0.7
± 0.1
0.6
± 0.1
φ 1+ 0
- 0.1


Similar Part No. - GP2S28

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2S22 SHARP-GP2S22 Datasheet
51Kb / 4P
Subminiature Photointerrupter
GP2S24 SHARP-GP2S24 Datasheet
72Kb / 5P
Subminiature Photointerrupter
GP2S24ABJ00F SHARP-GP2S24ABJ00F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24BCJ00F SHARP-GP2S24BCJ00F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
GP2S24BJ000F SHARP-GP2S24BJ000F Datasheet
156Kb / 12P
Detecting Distance : 0.7mm Phototransistor Output, Compact Refl ective Photointerrupter
More results

Similar Description - GP2S28

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
GP2A20 SHARP-GP2A20 Datasheet
46Kb / 3P
Light Modulation, Long Focal Distance Type OPIC Photointerrupter
GP2L01 SHARP-GP2L01 Datasheet
51Kb / 4P
High Sensitivity, Long Focal Distance Type Photointerrupter
GP2S01 SHARP-GP2S01 Datasheet
58Kb / 4P
Long Focal Distance Type Photointerrupter
GP2S03 SHARP-GP2S03 Datasheet
37Kb / 3P
Long Focal Distance Type Photointerrupter
GP2S30 SHARP-GP2S30 Datasheet
53Kb / 4P
Long Focal Distance Type Photointerrupter with Connector
GP2S40 SHARP-GP2S40 Datasheet
48Kb / 4P
Long Focal Distance, Subminiature Photointerrupter
GP2A10 SHARP-GP2A10 Datasheet
73Kb / 3P
LONG FOCAL DISTANCE OPEN COLLECTOR OUTPUT REFLECTIVE TYPE OPIC PHOTOINTERRUPTER
GP2A12F SHARP-GP2A12F Datasheet
84Kb / 3P
Long Focal Distance, Open Collector Output, Reflective type OPIC Photointerrupter
GP2S29 SHARP-GP2S29 Datasheet
67Kb / 5P
Long Focal Distance, Reflective Type Photointerrupter
GP1S563 SHARP-GP1S563 Datasheet
79Kb / 5P
Long Case, Snap-in Mounting Type Photointerrupter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com