Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0002YP Datasheet(PDF) 13 Page - Sharp Corporation

Part # GP2W0002YP
Description  Low Power Infrared Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0002YP Datasheet(HTML) 13 Page - Sharp Corporation

Back Button GP2W0002YP Datasheet HTML 6Page - Sharp Corporation GP2W0002YP Datasheet HTML 7Page - Sharp Corporation GP2W0002YP Datasheet HTML 8Page - Sharp Corporation GP2W0002YP Datasheet HTML 9Page - Sharp Corporation GP2W0002YP Datasheet HTML 10Page - Sharp Corporation GP2W0002YP Datasheet HTML 11Page - Sharp Corporation GP2W0002YP Datasheet HTML 12Page - Sharp Corporation GP2W0002YP Datasheet HTML 13Page - Sharp Corporation GP2W0002YP Datasheet HTML 14Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Low Power Infrared Transceiver
GP2W0001YP/GP2W0002YP
Technical Information
13
MOISTURE-PROOF PACKING
INFORMATION
Scope
Th is section de scribe s the specifications of
GP2W0001YP/GP2W0002YP moisture-proof packing,
and is only for reference. The official specifications
should be consulted for packing information.
Packing Material Specifications
The GP2W0001YP/GP2W0002YP reel is moisture-
proof packed for shipment. Table 3 describes the mate-
rials used for each item of the moisture-proof packing.
Packing Method
1. Seal the aluminum laminate bag that contains the
tape reel (2,000 devices/reel) and desiccant.
2. Fill in the necessary information on the label and
paste it on the aluminum laminate bag.
3. Pack 4 aluminum laminated bags (1 reel each) into
the designated outer case, placing paper pads on
the bottom and top of the outer case, as well as be-
tween each layer of the aluminum laminated bags.
See Table 4.
4. Seal the outer case with craft tape, indicating the
model name, quantity, and out-going inspection date
on the case. (8,000 pieces total per carton)
Storage and Treatment
STORAGE CONDITIONS
The product should be stored under these conditions:
• Storage temperature: 10°C to 30°C
• Humidity: below 60% RH
TREATMENT AFTER UNSEALING
1. After unsealing, devices should be mounted at a
temperature of 10°C to 30°C, humidity below 60%
RH, within 3 days.
2. For long term storage, devices should either be
stored in a dry box, or re-sealed in a moisture-proof
bag with desiccant and stored in an environment
where the temperature is 10°C to 30°C, humidity be-
low 60% RH. Devices must be mounted within 2
weeks.
BAKING BEFORE MOUNTING
If the devices are not kept in the storage conditions
described above, or the desiccant indicator has turned
pink, baking must be performed before devices are
mounted: baking may only be done once.
• Recommended Baking Conditions: 100°C
12 to 24 hours
NOTE: Do not bake the devices while they are still on the reel — the
reel will melt. Parts should be either temporarily mounted to
a PCB with adhesive, or placed in a metal tray. Any device
that has been out of its dry pack for more than 72 hours
should be dried in some manner prior to any automated sur-
face mount reflow process. Otherwise these devices should
be mounted and soldered by hand.
NOTE: Minimum order/shipment quantity should be one laminated bag (1 reel of 2,000 pieces).
Table 3. Packing Materials
ITEM
MATERIAL
Aluminum Laminate Bag
Aluminum Polyethylene
Label
Paper
Desiccant
Outer Case
Paper
Pads
Paper
Table 4. Packing Quantities
PACKING SHAPE
PRODUCT
QUANTITY PER REEL
QUANTITY PER BAG
Tape reel (
∅ 330 mm)
1 model
2,000 pieces
1 reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com