Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP2W0104YP Datasheet(PDF) 5 Page - Sharp Corporation

Part # GP2W0104YP
Description  115 kbps Transceiver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GP2W0104YP Datasheet(HTML) 5 Page - Sharp Corporation

  GP2W0104YP Datasheet HTML 1Page - Sharp Corporation GP2W0104YP Datasheet HTML 2Page - Sharp Corporation GP2W0104YP Datasheet HTML 3Page - Sharp Corporation GP2W0104YP Datasheet HTML 4Page - Sharp Corporation GP2W0104YP Datasheet HTML 5Page - Sharp Corporation GP2W0104YP Datasheet HTML 6Page - Sharp Corporation GP2W0104YP Datasheet HTML 7Page - Sharp Corporation GP2W0104YP Datasheet HTML 8Page - Sharp Corporation GP2W0104YP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
115 kbps Transceiver
GP2W0104YP
IrDA Data Sheet
5
RATINGS AND CHARACTERISTICS
Absolute Maximum Ratings
NOTES:
1. Pulse width: 78.1 µs. Duty ratio: 3/16.
2. Soldering reflow time: 5 seconds.
Recommended Operating Conditions
NOTES:
1. Shut down mode
2. Normal mode
3. LED ON. See Figure 12.
4. LED OFF. See Figure 12.
Electrical Characteristics
TA = 25°C, VCC = 3.3 V unless otherwise specified
NOTES:
1. No input signal, VILSD = 0 V. Output terminal open.
2. No input signal, VIHSD = VDD. Output terminal open.
3. See Figures 7, 8, and 9.
4. IOL = 400 µA. See Figures 7, 8, and 9.
5. BR = 115.2 kbps,
φ ≤ 15°, See Figures 7, 8, and 9.
6. BR = 115.2 kbps,
φ ≤ 15°, VIHTXD = 2.8 V. See Figures 10, 11,
and 12.
PARAMETER
SYMBOL
RATINGS
UNIT
NOTES
Supply voltage
VDD
0 to 6.0
V
Peak forward current
IFM
60
mA
1
Operating temperature
TOPR
-20 to +85
°C
Storage temperature
TSTG
-30 to +85
°C
Soldering temperature
TSOL
230
°C2
PARAMETER
SYMBOL
OPERATING CONDITION
UNIT
NOTES
Supply voltage
VDD
2.4 to 5.5
V
Data rate
BR
2.4 to 115.2
kbps
SD terminal high level input voltage
VIHSD
VDD -0.5 to VDD
V1
SD terminal low level input voltage
VILSD
0.0 to 0.4
V
2
TXD high level input voltage
VIHTXD
VDD -0.5 to VDD
V3
TXD low level input voltage
VILTXD
0.0 to 0.4
V
4
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
NOTES
Current consumption at no input signal
IDD
70
120
µA
1
Current consumption at shut-down mode
IDD-S
0.01
1.0
µA
2
High level output voltage
VOH
3.0
V
3
Low level output voltage
VOL
0.4
V
4
Low level pulse width
tW
1.0
6.0
µs
5
Rise time
tR
0.4
µs
5
Fall time
tF
0.4
µs
5
Maximum reception distance
L
20
cm
5
Input irradiance
Ee
0.09
W/m2
5
Radiant intensity
IE
3.6
25
mW/sr
6
LED peak current
ILED
14
20
26
mA
6
Rise time
tR
0.6
µs
6
Fall time
tF
0.6
µs
6
Peak emission wavelength
λp
850
870
900
nm
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com