Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPLF40T1 Datasheet(PDF) 2 Page - Sharp Corporation

Part # GPLF40T1
Description  High Speed Type Plastic Fiber Optics with Built-in Amp.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

GPLF40T1 Datasheet(HTML) 2 Page - Sharp Corporation

  GPLF40T1 Datasheet HTML 1Page - Sharp Corporation GPLF40T1 Datasheet HTML 2Page - Sharp Corporation GPLF40T1 Datasheet HTML 3Page - Sharp Corporation GPLF40T1 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GPlF40Tl/GPlF40Rl
Recommended
Parameter
Symbol
Remarks
MIN.
MAX.
Unit
Supply voltage
5.25
High level
2.0
v
input voltage
level
input voltage
o
Operating transfer rate
To
NRZ signal
0.1
25
Mbps
duty
50%
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Peak emission wavelength
—
660
nm
*
i Refer to F
Supply current
Refer to
I
I
. .
I
Low
delay time
—
Refer to Fig. 3
80
ns
Low delay time
‘ig. 1
—
—
25
I
I
Optical power output
with fiber
Refer to
1
– 12
– 9
– 6
High level input current
–
0.4
v
Low level input current
111.
–
–1.6
v
Pulse width distortion
tw
Refer to Fig. 3
30
70
%
Minimum receiver input
optical power level
—
—
–15
dBm
Maximum receiver input
optical power level
–5.5
–
–
dBm
>
High level output voltage
Refer to Fig. 2
2.7
—
—
v
Low
output voltage
—
0.4
v
output rise time
tr
—
—
20
ns
Output fall time
—
10
ns
Pulse width distortion
tw
Refer to Fig. 3
30
70
%
input is
level
s @tical Characteriab
(Ta
Parameter
Symbol
MIN.
TYP.
Unit
Output coupling
with fiber
–17
–
—
dBm
Refraction ratio
l-
l
Steo index
I
Note)
1. Standard light transmitter
Light transmitter that provides the fiber end light output of –
when
the standard optical fiber cable is connected.
Measuring system block diagram
Shown in Fig.
s
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
force,
—
6
40
withdrawal force
—
N
Initial value when
is used
1049



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com