Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM393DT Datasheet(PDF) 7 Page - Rohm

Part # LM393DT
Description  SIGNATURE SERIES Comparators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

LM393DT Datasheet(HTML) 7 Page - Rohm

Back Button LM393DT Datasheet HTML 3Page - Rohm LM393DT Datasheet HTML 4Page - Rohm LM393DT Datasheet HTML 5Page - Rohm LM393DT Datasheet HTML 6Page - Rohm LM393DT Datasheet HTML 7Page - Rohm LM393DT Datasheet HTML 8Page - Rohm LM393DT Datasheet HTML 9Page - Rohm LM393DT Datasheet HTML 10Page - Rohm LM393DT Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
Technical Note
7/17
LM393DT,LM393PT,LM393ST,LM393WDT,LM393WPT,
LM2903DT,LM2903PT,LM339DT,LM339PT,LM2901DT,LM2901PT
www.rohm.com
2011.06 - Rev.C
© 2011 ROHM Co., Ltd. All rights reserved.
●
Reference Data LM339 family
0
1
2
3
4
5
0
1020
304050
607080
AMBIENT TEMPERATURE [°C]
-50
-40
-30
-20
-10
0
10
20
30
40
50
0
1020
304050
60
7080
AMBIENT TEMPERATURE [℃]
40
60
80
100
120
140
160
010
20
30
40
SUPPLY VOLTAGE [V]
Common Mode Rejection Ratio
– Supply Voltage
LM339 family
0℃
25℃
70℃
60
70
80
90
100
110
120
130
140
0
102030
405060
70
80
AMBIENT TEMPERATURE [°C]
LM339 family
Common Mode Rejection Ratio
– Ambient Temperature
2V
5V
36V
Input Offset Current – Ambient Temperature
LM339 family
2V
5V
36V
60
70
80
90
100
110
120
130
140
010
20
30
40
SUPPLY VOLTAGE [V]
Large Signal Voltage Gain
– Supply Voltage
LM339 family
25℃
70℃
0℃
60
70
80
90
100
110
120
130
140
0
1020
30
4050
6070
80
AMBIENT TEMPERATURE [°C]
Large Signal Voltage Gain
– Ambient Temperature
LM339 family
2V
5V
36V
0
1
2
3
4
5
0
1020
3040
50
6070
80
AMBIENT TEMPERATURE [°C]
Response Time (Low to High)
– Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
LM339 family
5mV overdrive
20mV overdrive
100mV overdrive
Response Time (High to Low)
–Ambient Temperature
(VCC=5[V],VRL=5[V],RL=5.1[kΩ])
60
70
80
90
100
110
120
130
140
0
102030
40
506070
80
AMBIENT TEMPERATURE [°C]
LM339 family
Power Supply Rejection Ratio
– Ambient Temperature
5mV overdrive
20mV overdrive
100mV overdrive
LM339 family
Fig. 33
Fig. 34
Fig. 35
Fig. 36
Fig. 37
Fig. 38
Fig. 39
Fig. 40
(*)The data above is ability value of sample, it is not guaranteed. LM339family: 0[℃]~+70[℃]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com