Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS471F Datasheet(PDF) 2 Page - Sharp Corporation

Part # IS471F
Description  OPIC Light Detector with Built-in Signal Processing Circuit for Light Modulation System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS471F Datasheet(HTML) 2 Page - Sharp Corporation

  IS471F Datasheet HTML 1Page - Sharp Corporation IS471F Datasheet HTML 2Page - Sharp Corporation IS471F Datasheet HTML 3Page - Sharp Corporation IS471F Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IS471F
*5 Defined as Eep that causes the output to go“ Low to High” (or“ High to Low” ).
s Electro-optical Characteristics
( V
CC
= 5V, Ta= 25˚C)
Parameter
Symbol
Conditions
Operating supply voltage
V CC
Supply current
ICC
VO, GL out terminals shall be opened.
Output
V OL
IOL= 16mA, E VP
VD
=0*3
V OH
EVD=EVP =0*3
IOS
EVP =EVD=0*3
IGL
V GL= 1.2V
tp
tW
E ePLH
EeD=0
*3
Light emitting
E ePHL
Hysteresis
E ePLH /E ePHL
Response
time
t PHL
t PLH
*7 External disturbing light illuminance
E VDX
*3 EeP represents illuminance of signal light in sync with the low level timing of output at GLout terminal.
Fig.1
Fig.2
Fig.3
*4 Pulse cycle (t P), pulse width (t W) are defined as shown in Fig. 2.
E eD represents illuminance of DC light. For detail, see Fig. 1.
EVP represents illuminance of signal light in sync with the low level timing of output at GLout terminal.
EVD represents illuminance of DC light. Note that the light source is CIE standard light source A.
shown in Fig. 3
(Note ) Fig. 1 shows the output waveform at GL out
Fig. 3.
0
Time
Output waveform
Ee
EeD
EeP
at GL out terminal
5V
0V
IS471F
GND
280
Ω
5V
0.33
µF
tW
tP
VCC
VO
GLout
Light source: Infrared light emitting diode (
λ p= 940nm )
GL
output
MIN.
TYP.
MAX.
Unit
4.5
-
16
V
-
-
-
-
3.5
7.0
mA
-
0.15
0.35
V
4.97
-
-
V
0.25
0.5
1.0
mA
40
55
70
mA
70
130
220
µ s
4.4
8
13.7
µ s
-
0.4
2.66
-
0.7
2.8
0.45
0.65
0.95
-
-
400
670
µ s
-
400
670
µ s
2000
7500
-
Low level output voltage
High level output voltage
Output short circuit current
Low level output current
diode (
λ p= 940nm )*6
µ W/mm2
µ W/mm2
terminal with IS471F connected as shown in
The waveform shown in Fig. 2 is the output voltage waveform at GLout terminal with IS471F connected as
*5 “ Low
→High ” threshold irradiance
*5 “ High
→Low ” threshold irradiance
Eep= 7.5
µ W/mm 2, *3λ p= 940nm
*4Pulse cycle
*4Pulse width
*6
*6
“ High
→Low”
propagation delay time
“ Low
→High”
propagation dealy time
1
2
4
3
= 500lx, E
lx



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com