Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMSTA13 Datasheet(PDF) 1 Page - Rohm

Part # MMSTA13
Description  NPN small signal transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MMSTA13 Datasheet(HTML) 1 Page - Rohm

  MMSTA13 Datasheet HTML 1Page - Rohm MMSTA13 Datasheet HTML 2Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MMSTA13
Transistors
1/1
Each lead has same dimensions
Abbreviated symbol : R1M
MMSTA13
(1)Emitter
(2)Base
(3)Collector
(2)
(1)
0.4
(3)
2.9
1.9
0.95
0.95
0.8
0.15
1.1
NPN small signal transistor
MMSTA13
Features
Dimensions (Unit : mm)
1) High Current Gain.
Packaging specifications
Package
Code
Taping
Basic ordering unit (pieces)
MMSTA13
T146
3000
Type
Absolute maximum ratings (Ta=25
°C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Parameter
VCBO
VCES
VEBO
PC
Tj
Tstg
30
V
V
V
A
°C
°C
30
10
0.3
IC
0.2
W
0.35
W
150
−55 to 125
Symbol
Limits
Unit
∗ Mounted on a 7×5×0.6 mm CERAMIC SUBSTRATE
∗
Electrical characteristics (Ta=25
°C)
Collector-emitter breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cutoff current
Emitter-base cutoff current
Collector-emitter saturation voltage
Base-emitter voltage
DC current transfer ratio
Collector output capacitance
∗
∗
∗ Pulsed
Parameter
Symbol
BVCES
BVCEO
BVEBO
ICEO
hFE
fT
Cob
Min.
30
30
10
−
5000
125
−
−
−
−
−
−
−
5.4
−
−
−
0.1
−
−
−
VIC
= 100
µA
IC
= 10
µA
IE
= 10
µA
VEB
= 10V
VCE
= 5V, IC= 10mA
10000
−−
VCE
= 5V, IC= 100mA
VCE
= 5V, IE= −10mA, f=100MHz
VCB
= 10V, f=100kHz, IE= 0
V
V
ICBO
−−
0.1
VCB
= 30V
µA
µA
VCE(sat)
−
−
1.5
IC/IB
= 100mA/ 100
µA
V
−
MHz
pF
Typ.
Max.
Unit
Conditions
VBE(on)
−
−
2.0
VCE
= 5V, IC= 100mA
V
Transition frequency


Similar Part No. - MMSTA13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA13 DIODES-MMSTA13 Datasheet
37Kb / 1P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. B-1
MMSTA13 DIODES-MMSTA13 Datasheet
88Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30165 Rev. 8 - 2
MMSTA13 DIODES-MMSTA13 Datasheet
117Kb / 3P
NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 9 - 2
logo
Rohm
MMSTA13 ROHM-MMSTA13 Datasheet
138Kb / 3P
NPN small signal transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
NPN Surface Mount Darlington Transistor
More results

Similar Description - MMSTA13

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MMBT3904 STMICROELECTRONICS-MMBT3904 Datasheet
58Kb / 4P
SMALL SIGNAL NPN TRANSISTOR
Jun-2002
PN2222A STMICROELECTRONICS-PN2222A Datasheet
65Kb / 6P
SMALL SIGNAL NPN TRANSISTOR
Feb-2003
logo
Transys Electronics
2N4124 TRSYS-2N4124 Datasheet
124Kb / 1P
NPN SMALL SIGNAL TRANSISTOR
logo
General Semiconductor
BCX70 GE-BCX70 Datasheet
55Kb / 3P
Small Signal Transistor (NPN)
logo
Taiwan Semiconductor Co...
DTC113 TSC-DTC113 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC114 TSC-DTC114 Datasheet
434Kb / 3P
NPN Small Signal Transistor Small Signal Diode
DTC143 TSC-DTC143 Datasheet
178Kb / 2P
NPN Small Signal Transistor Small Signal Diode
DTC144 TSC-DTC144 Datasheet
201Kb / 2P
NPN Small Signal Transistor Small Signal Diode
BC846A TSC-BC846A_14 Datasheet
218Kb / 5P
NPN Small Signal Transistor
DTC123YE TSC-DTC123YE Datasheet
764Kb / 5P
NPN Small Signal Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com