Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IS474 Datasheet(PDF) 4 Page - Sharp Corporation

Part # IS474
Description  Linear Output Type OPIC Light Detector
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

IS474 Datasheet(HTML) 4 Page - Sharp Corporation

  IS474 Datasheet HTML 1Page - Sharp Corporation IS474 Datasheet HTML 2Page - Sharp Corporation IS474 Datasheet HTML 3Page - Sharp Corporation IS474 Datasheet HTML 4Page - Sharp Corporation IS474 Datasheet HTML 5Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Fig. 7 Output Current vs. Output Voltage
5
01
2
3
4
0
VCC
GND
5V
A
VO
IO
PD1
PD2
V CC = 5V, Ta= 25˚C
Ev = 1 000 lx
800 lx
600 lx
400 lx
200 lx
Output Current vs. Output Voltage Test Circuit
Output voltage VO (V)
(CIE standard light source A)
(Main detector)
Constant voltage circuit
(Detector
for correction)
-100
-80
-60
-40
-20
Fig. 8 Supply Current vs. Supply Voltage
Fig. 9 Supply Current vs. Illuminance
0
0
10 -2
1
2
3
510
10
10
10
10
10 -1
10 1
10 2
Vo = 0
Vcc = 5V
Ta= 25˚C
Supply voltage V CC (V)
(CIE standard
light source A)
Illuminance Ev (lx)
(CIE standard
light source A)
10
10
2
1
345
0
Fig. 10 Frequency Characteristics
CRT
47
Ω
CRT
L E D
DP1
DP2
λ P =
660nm
VCC
IO
VO
5V
GND
VOP
Frequency Characteristics Test Circuit
Frequency f (Hz)
(Main detector)
Constant voltage circuit
(Detector for correction)
*Incident light quantity E : Converted value of DC
component of output voltage V
V
O
Time t
IS474
Ev = 10 000 lx
1 000 lx
100 lx
0 lx
1
10
100
1 000
10 000
100 000
1
10
100
1 000
Vcc = 5v
Ta = 25˚C
* Ev= 1 000 lx
* Ev= 100 lx



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com