Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6K14 Datasheet(PDF) 5 Page - Rohm

Part # MP6K14
Description  4V Drive Nch Nch MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6K14 Datasheet(HTML) 5 Page - Rohm

  MP6K14 Datasheet HTML 1Page - Rohm MP6K14 Datasheet HTML 2Page - Rohm MP6K14 Datasheet HTML 3Page - Rohm MP6K14 Datasheet HTML 4Page - Rohm MP6K14 Datasheet HTML 5Page - Rohm MP6K14 Datasheet HTML 6Page - Rohm MP6K14 Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6K14
 
10
100
1000
10000
0.01
0.1
1
10
100
Drain-Source Voltage : V
DS [V]
Fig.13 Typical Capacitance vs. Drain-Source Voltage
T
a=25°C
f=1MHz
V
GS=0V
C
iss
C
oss
C
rss
0.01
0.1
1
10
100
0.1
1
10
100
Drain-Source Voltage : V
DS [ V ]
Fig.14 Maximum Safe Operating Area
T
a=25°C
Single Pulse : 1Unit
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Operation in this area is limited by R
DS(on)
( V
GS = 10V )
P
W = 100μs
P
W = 1ms
P
W = 10ms
DC Operation
0.0001
0.001
0.01
0.1
1
10
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse width : Pw (s)
Fig.15 Normalized Transient Thermal Resistance v.s. Pulse Width
T
a=25°C
Single Pulse : 1Unit
Mounted on a ceramic board.
(30mm × 30mm × 0.8mm)
Rth
(ch-a)=89.3°C/W
Rth
(ch-a)(t)=r(t)×Rth(ch-a)
5/6
2011.03 - Rev.A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com