Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP6X11 Datasheet(PDF) 3 Page - Rohm

Part # MP6X11
Description  Midium Power Transistors (30V / 1A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MP6X11 Datasheet(HTML) 3 Page - Rohm

  MP6X11 Datasheet HTML 1Page - Rohm MP6X11 Datasheet HTML 2Page - Rohm MP6X11 Datasheet HTML 3Page - Rohm MP6X11 Datasheet HTML 4Page - Rohm MP6X11 Datasheet HTML 5Page - Rohm MP6X11 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
Data Sheet
MP6X11
 
Electrical characteristic curves (Ta=25
C)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.0
1.0
2.0
3.0
4.0
5.0
COLECTOR TO EMITTER VOLTAGE:V
CE[V]
Fig.1 Typical Output Characteristics
3.0mA
2.0mA
1.5mA
1.0mA
I
B=0.5mA
4.0mA
5.0mA
Ta=25
°C
10
100
1000
1
10
100
1000
COLLECTOR CURRENT :I
C[mA]
Fig.2 DC Current Gain vs. Collector Current(Ⅰ)
V
CE=5V
3V
Ta=25
°C
10
100
1000
1
10
100
1000
COLLECTOR CURRENT :I
C[mA]
Fig.3 DC Current Gain vs. Collector Current(Ⅱ)
V
CE=2V
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
0.001
0.01
0.1
1
10
1
10
100
1000
COLLECTOR CURRENT :I
C[mA]
Fig.4 Collector-Emitter Saturation Voltage vs. Collector Current(Ⅰ)
Ta=25
°C
V
CE=2V
I
C/IB=50
20
10
0.01
0.1
1
1
10
100
1000
COLLECTOR CURRENT :I
C[mA]
Fig.5 Collector-Emitter Saturation Voltage vs. Collector Current(Ⅱ)
I
C/IB=20
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
1
10
100
1000
0
0.5
1
1.5
BASE TO EMITTER VOLTAGE :V
BE[V]
Fig.6 Ground Emitter Propagation Characteristics
V
CE=2V
Pulsed
Ta=125
°C
75
°C
25
°C
-40
°C
3/5
2011.02 - Rev.A



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com