Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS21T Datasheet(PDF) 2 Page - Micro Commercial Components

Part # BAS21T
Description  150mW 250 Volt Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS21T Datasheet(HTML) 2 Page - Micro Commercial Components

  BAS21T Datasheet HTML 1Page - Micro Commercial Components BAS21T Datasheet HTML 2Page - Micro Commercial Components BAS21T Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
0.001
0.01
0.1
1
0
0.4
0.2
0. 6
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
0.8
1.2
1.0
1.4
T = 0ºC
A
T = 150ºC
A
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
0.0001
0.01
0.001
0.1
1
10
100
0
50
100
200
150
250
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
T = -40ºC
A
T = 25ºC
A
T = 75ºC
A
T = 125ºC
A
T = 150ºC
A
T= 0ºC
A
0
100
200
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Power Derating Curve, Total Package
A
°
0.0
0.5
1.0
1.5
3.5
3.0
2.5
2.0
4.0
0
10
20
40
30
V , REVERSE VOLTAGE (V)
Fig. 3 Typical Capacitance vs. Reverse Voltage
R
f = 1.0MHz
Revision:
A
20
11/01/01
MCC
BAS21T
TM
Micro Commercial Components
www.mccsemi.com
2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com