Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH168K Datasheet(PDF) 7 Page - Sharp Corporation

Part # LH168K
Description  324-output TFT-LCD Source Driver IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168K Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LH168K Datasheet HTML 3Page - Sharp Corporation LH168K Datasheet HTML 4Page - Sharp Corporation LH168K Datasheet HTML 5Page - Sharp Corporation LH168K Datasheet HTML 6Page - Sharp Corporation LH168K Datasheet HTML 7Page - Sharp Corporation LH168K Datasheet HTML 8Page - Sharp Corporation LH168K Datasheet HTML 9Page - Sharp Corporation LH168K Datasheet HTML 10Page - Sharp Corporation LH168K Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LH168K
7
SYMBOL
FUNCTIONS
XO1-XO108
YO1-YO108
ZO1-ZO108
Used as LCD drive output pins which output the voltage corresponding to the input of data
input pins. When 321-output mode, 3 outputs (XO54 to ZO54) are invalid. When 312-output
mode, 12 outputs (XO55 to XO58, YO55 to YO58, ZO55 to ZO58) are invalid. When 309-
outputs mode, 15 outputs (XO54 to XO58, YO54 to YO58, ZO54 to ZO58) are invalid. Invalid
output pins must be opened. Data of XO1 to XO108 correspond to XA0 to XA5 and XB0 to
XB5. Data of YO1 to YO108 correspond to YA0 to YA5 and YB0 to YB5, and data of ZO0 to
ZO108 correspond to ZA0 to ZA5 and ZB0 to ZB5. For relation between input data and
output voltage values, refer to "Functional Operations" and "Output Voltage Value".
POLA
POLB
Used as input pins for input data polarity exchange, POLA corresponds to XA0 to XA5, YA0
to YA5 and ZA0 to ZA5, and POLB corresponds to XB0 to XB5, YB0 to YB5 and ZB0 to ZB5.
When "L" is entered, display data becomes normal mode. When "H" is entered, input data
becomes polarity exchange mode. For relation between input data and output voltage
values, refer to "Output Voltage Value". These pins are pulled down at the inside.
REV
REV2
Used as polarity exchange pins of LCD drive output. Data is taken at the term when LS is
"H" and the output polarity of the LCD drive output pin is determined. Function of REV is
the same as function of REV2. Input polarity exchange signal to REV, and REV2 is fixed to
"L" or opened in general.
When 321-output/309-output mode, it is possible to exchange output polarity between LCD
driver next to each other by fixing REV2 to "L" or "H" according to position on panel. For
exchanging, refer to "Output Characteristics". REV2 pin is pulled down at the inside.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com