Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH168R Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH168R
Description  384-output TFT-LCD Source Driver IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH168R Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH168R Datasheet HTML 9Page - Sharp Corporation LH168R Datasheet HTML 10Page - Sharp Corporation LH168R Datasheet HTML 11Page - Sharp Corporation LH168R Datasheet HTML 12Page - Sharp Corporation LH168R Datasheet HTML 13Page - Sharp Corporation LH168R Datasheet HTML 14Page - Sharp Corporation LH168R Datasheet HTML 15Page - Sharp Corporation LH168R Datasheet HTML 16Page - Sharp Corporation LH168R Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
LH168R
13
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
APPLICABLE PINS
RATING
UNIT
NOTE
Supply voltage
VCC
VCC
–0.3 to +6.0
V
1, 2
VLS
VLS
–0.3 to +14.0
V
Input voltage
VI
VH0-VL0
–0.3 to VLS + 0.3
V
Storage temperature
TSTG
–45 to +125
˚C
NOTES :
1. TA = +25 ˚C
2. The maximum applicable voltage on any pin with respect to GND (0 V).
NOTE :
1. The applicable voltage on any pin with respect to GND (0 V).
PARAMETER
SYMBOL
MAX.
UNIT
NOTE
Supply voltage
VCC
1
Reference voltage input
VH0-VH256
VLS – 0.2
V
Clock frequency
fCK
65
MHz
MIN.
TYP.
+2.5
0.5VCC
VLS
VI
SPIO, SPOI, CK, LS, REV,
LBR, POLA, POLB, XA0-XA7,
XB0-XB7, YA0-YA7, YB0-YB7,
ZA0-ZA7, ZB0-ZB7
–0.3 to VCC + 0.3
V
V
–0.3 to VLS + 0.3
XO1-ZO128
VO
V
–0.3 to VCC + 0.3
SPIO, SPOI
VO
Output voltage
+3.6
V
+8.0
+13.0
V
–20
˚C
+75
TOPR
Operating temperature
pF
200
CL
LCD drive output load capacity
VL0-VL256
+0.2
0.5VCC
V
ABSOLUTE MAXIMUM RATINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com