Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS70LP Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAS70LP
Description  70 mA Schottky Rectifier 70 Volts
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAS70LP Datasheet(HTML) 1 Page - Micro Commercial Components

  BAS70LP Datasheet HTML 1Page - Micro Commercial Components BAS70LP Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAS70LP
70 mA
Schottky Rectifier
70 Volts
Features
Small surface mounting type
Low forward voltage and high breakdown voltage
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.018
0.022
0.45
0.55
B
0.000
0.003
0.01
0.07
C
0.018REF.
0.450REF.
D
0.037
0.041
0.95
1.05
E
0.022
0.026
0.55
0.65
F
0.016 REF.
0.400 REF.
G
0.011
0.013
0.275
0.325
H
0.000 REF.
0.010 REF.
L
0.011
0.013
0.275
0.325
A
B
D
C
L
H
E
G
F
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
MCC
TM
Micro Commercial Components
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
www.mccsemi.com
Revision:
A
20
11/01/01
1 of 2
SOD-882
Maximum Ratings
Symbol
Rating
Rating
Unit
VR
DC Reverse Voltage
70
V
IF
Continuous Forward Current
70
mA
IFSM
Peak Forward Surge Current
100
mA
TJ
Junction Temperature
125
TSTG
Storage Temperature
-55 to +125
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=
1mAdc)
---
---
0.41
IR
Reverse Current
(VR=50Vdc)
---
---
100
uAdc
Vdc
(IF=
15mAdc)
---
---
1.0
Vdc
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1
Marking: S5


Similar Part No. - BAS70LP

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
BAS70LP FUTUREWAFER-BAS70LP Datasheet
2Mb / 18P
Surface Mount Switching Diode
27-DEC-2021 V 2.0
logo
Diodes Incorporated
BAS70LP DIODES-BAS70LP Datasheet
84Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
March 2011
logo
Analog Technologies, In...
BAS70LP-7B ANALOGTECHNOLOGIES-BAS70LP-7B Datasheet
512Kb / 7P
MagI3C Power Modules DNS002 MagI3C Power Supply
V2.0
logo
Micro Commercial Compon...
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
logo
Diodes Incorporated
BAS70LP DIODES-BAS70LP_15 Datasheet
84Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
March 2011
More results

Similar Description - BAS70LP

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
BAS70APT CHENMKO-BAS70APT Datasheet
348Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70CPT CHENMKO-BAS70CPT Datasheet
386Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70PT CHENMKO-BAS70PT Datasheet
387Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70SPT CHENMKO-BAS70SPT Datasheet
368Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70TAPT CHENMKO-BAS70TAPT Datasheet
228Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
BAS70WAPT CHENMKO-BAS70WAPT Datasheet
213Kb / 2P
SCHOTTKY DIODE VOLTAGE 70 Volts CURRENT 70 mAmperes
logo
Micro Commercial Compon...
MBR870 MCC-MBR870 Datasheet
110Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
logo
Shenzhen Luguang Electr...
1S2760A LUGUANG-1S2760A Datasheet
205Kb / 2P
PRV : 70 Volts Io : 150 mA
logo
Micro Commercial Compon...
MBR870 MCC-MBR870_13 Datasheet
187Kb / 3P
8 Amp Schottky Rectifier 70-100 Volts
BAS70LP MCC-BAS70LP_13 Datasheet
459Kb / 2P
70 mA Schottky Rectifier 70 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com