Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SA Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH28F008SA
Description  8M (1M 횞 8) Flash Memory
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SA Datasheet(HTML) 2 Page - Sharp Corporation

  LH28F008SA Datasheet HTML 1Page - Sharp Corporation LH28F008SA Datasheet HTML 2Page - Sharp Corporation LH28F008SA Datasheet HTML 3Page - Sharp Corporation LH28F008SA Datasheet HTML 4Page - Sharp Corporation LH28F008SA Datasheet HTML 5Page - Sharp Corporation LH28F008SA Datasheet HTML 6Page - Sharp Corporation LH28F008SA Datasheet HTML 7Page - Sharp Corporation LH28F008SA Datasheet HTML 8Page - Sharp Corporation LH28F008SA Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
LH28F008SA
8M (1M × 8) Flash Memory
2
28F008SA-16
TOP VIEW
2
3
4
5
8
9
A6
A9
41
40
39
38
37
36
33
30
A11
A10
6
7
A7
A8
35
34
A13
A14
A16
A18
NC
NC
WE
10
11
12
43
42
A12
A5
13
32
NC
31
NC
A4
A15
44-PIN SOP
14
15
16
17
18
19
20
21
27
24
29
28
26
25
RY/BY
DQ7
DQ6
DQ5
DQ2
DQ3
DQ1
A0
DQ0
A1
GND
GND
VCC
A17
A19
OE
44
1
RP
VPP
22
23
DQ4
NC
A3
A2
NC
CE
VCC
Figure 2. 44-Pin SOP Configuration
INTRODUCTION
SHARP’S LH28F008SA 8M Flash File™ Memory is
the highest density nonvolatile read/write solution for
solid state storage. The LH28F008SA’s extended
cycling, symmetrically blocked architecture, fast access
time, write automation and low power consumption pro-
vide a more reliable, lower power, lighter weight and
higher performance alternative to traditional rotating disk
technology. The LH28F008SA brings new capabilities
to portable computing. Application and operating sys-
tem software stored in resident flash memory arrays
provide instant-on rapid execute-in-place and protec-
tion from obsolescence through in-system software
updates. Resident software also extends system bat-
tery life and increases relaibility by reducing disk drive
accesses.
For high density data acquisition applications, the
LH28F008SA offers a more cost-effective and reliable
alternative to SRAM and battery. Traditional high
density embedded applications, such as telecommuni-
cations, can take advantage of the LH28F008SA’s
nonvolatility, blocking and minimal system code require-
ments for flexible firmware and modular software
designs.
The LH28F008SA is offered in 40-pin TSOP (stan-
dard) package. Pin assignments simplify board layout
when integrating multiple devices in a flash memory
array or subsystem. This device uses an integrated
Command User Interface and state machine for simpli-
fied block erasure and byte write. The LH28F008SA
memory map consists of 16 separately erasable
64K blocks.
SHARP’s LH28F008SA employs advanced CMOS
circuitry for systems requiring low power consumption
and noise immunity. Its 85 ns access time provides
superior performance when compared with magnetic
storage media. A deep powerdown mode lowers power
consumption to 1 µW typical throughVCC, crucial in por-
table computing, handheld instrumentation and other
low-power applications. The PWD power control input
also provides absolute data protection during system
power up/down.
DESCRIPTION
The LH28F008SA is a high-perfor mance 8M
(8,388,608 bit) memory organized at 1M (1,048,576
bytes) of 8 bits each. Sixteen 64K (65,536 Byte) blocks
are included on the LH28F008SA. A memory map is
shown in Figure 4 of this specification. A block erase
operation erases one of the sixteen blocks of memory
in typically 1.6 seconds, independent of the remaining
blocks. Each block can be independently erased and
written 100,000 cyles. Erase Suspend mode allows sys-
tem software to suspend block erase to read data or
execute code from any other block of the LH28F008SA.
The LH28F008SA is available in the 40-pin TSOP
(Thin Small Outline Package, 1.2 mm thick) package.
Pinouts are shown in Figure 1 of this specification.
The Command User Interface serves as the inter-
face between the microprocessor or microcontroller and
the internal operation of the LH28F008SA.
Byte Write and Block Erase Automation allow byte
write and block erase operations to be executed using
a two-write command sequence to the Command User
Interface. The internal Write State Machine (WSM)
automatically executes the algorithms and timings nec-
essary for byte write and block erase operations,
including verifications, thereby unburdening the micro-
processor or microcontroller. Writing of memory data is
performed in byte increments typically within 9 µs, an
80% improvement over current flash memory products.
IPP byte write and block erase currents are 10 mA typi-
cal, 30 mA maximum. VPP byte write and block erase
voltage is 11.4 V to 12.5 V.
The Status Register indicates the status of the WSM
and when the WSM successfully completes the desired
byte write or block erase operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com