Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LH28F008SC-V Datasheet(PDF) 21 Page - Sharp Corporation

Part # LH28F008SC-V
Description  8 M-bit (1 MB x 8) Smart 5
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH28F008SC-V Datasheet(HTML) 21 Page - Sharp Corporation

Back Button LH28F008SC-V Datasheet HTML 17Page - Sharp Corporation LH28F008SC-V Datasheet HTML 18Page - Sharp Corporation LH28F008SC-V Datasheet HTML 19Page - Sharp Corporation LH28F008SC-V Datasheet HTML 20Page - Sharp Corporation LH28F008SC-V Datasheet HTML 21Page - Sharp Corporation LH28F008SC-V Datasheet HTML 22Page - Sharp Corporation LH28F008SC-V Datasheet HTML 23Page - Sharp Corporation LH28F008SC-V Datasheet HTML 24Page - Sharp Corporation LH28F008SC-V Datasheet HTML 25Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 40 page
background image
LH28F008SC-V/SCH-V
- 21 -
Set Lock-Bit
Complete
Start
Write 60H,
Block/Device Address
Write 01H/F1H,
Block/Device Address
Read
Status Register
0
SR.7 =
1
Full Status
Check if Desired
Repeat for subsequent lock-bit set operations.
Full status check can be done after each lock-bit set
operation or after a sequence of lock-bit set operations.
Write FFH after the last lock-bit set operation to place device
in read array mode.
BUS
OPERATION
Write
Write
Read
Standby
COMMAND
Set
Block/Master
Lock-Bit
Setup
COMMENTS
Data = 60H
Addr = Block Address (Block),
Device Address (Master)
Data = 01H (Block),
F1H (Master)
Addr = Block Address (Block),
Device Address (Master)
Status Register Data
Check SR.7
1 = WSM Ready
0 = WSM Busy
SR.3 =
FULL STATUS CHECK PROCEDURE
Read Status Register
Data (See Above)
VPP Range Error
1
0
SR.1 =
Device Protect Error
1
0
BUS
OPERATION
COMMAND
COMMENTS
Standby
Standby
Check SR.1
1 = Device Protect Detect
RP# = VIH
(Set Master Lock-Bit Operation)
RP# = VIH, Master Lock-Bit is Set
(Set Block Lock-Bit Operation)
Check SR.4
1 = Set Lock-Bit Error
SR.5, SR.4, SR.3 and SR.1 are only cleared by the Clear
Status Register command in cases where multiple lock-bits are
set before full status is checked.
If error is detected, clear the status register before attempting
retry or other error recovery.
Set
Block or Master
Lock-Bit
Confirm
Set Lock-Bit
Successful
SR.4, 5 =
Command Sequence
Error
1
0
SR.4 =
Set Lock-Bit
Error
1
0
Standby
Check SR.3
1 = VPP Error Detect
Standby
Check SR.4, 5
Both 1 = Command Sequence Error
Fig. 7
Set Block and Master Lock-Bit Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com