Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAT54CDW Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAT54CDW
Description  200mWatt, 30Volt Schottky Barrier Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAT54CDW Datasheet(HTML) 1 Page - Micro Commercial Components

  BAT54CDW Datasheet HTML 1Page - Micro Commercial Components BAT54CDW Datasheet HTML 2Page - Micro Commercial Components BAT54CDW Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2.Short duration test pulse used to minimize self-heating effect
BAT54TW/ADW/
CDW/SDW/BRW
200mWatt, 30Volt
Schottky Barrier Diode
Features
Fast Switching
and Low Forward Voltage Drop
Ultra-Small Surface Mount Package
PN Junction Guard Ring for Transient and ESD Protection
Available in Lead Free Version
Maximum Ratings
Continuos Reverse Voltage
VR
30V
Forward Continuous Current
IF
200mA
Repetitive Peak Forward Current
IFRM
300mA
Peak Forward Current t<1s
IFSM
600mA
Power Dissipation @ TA = 25
PD
200mW
Thermal Resistance , Junction to Ambient
R JA
625
/W
Storage Temperature Range
Tstg
-65
to 125
Operating Temperature Range
Tj
-65
to 125
Electrical Characteristics @ 25 C Unless Otherwise Specified
Ratings
Symbol
Max.
Notes
Forward Voltage at
IF = 0.1mA
IF = 1mA
IF = 10mA
IF = 30mA
IF = 100mA
VF
240mV
320mV
400mV
500mV
1000mV
Note
2
Reverse Current
IR
2.0 A
VR = 25V
Reverse Breakdown
Voltage
V(BR)
>30V
Capacitance
CJ
10pF
Measured at
1.0MHz, VR=1.0V
Reverse Recovery
Time
trr
5.0nS
IF=IR=10mA;
IREC=1mA,RL=100
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-363
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
0.006
0.014
0.15
0.35
B
0.045
0.053
1.15
1.35
C
0.085
0.096
2.15
2.45
D
0.026 Nominal
0.65 Nominal
G
0.047
0.055
1.20
1.40
H
0.071
0.087
1.80
2.20
J
---
0.004
---
0.10
K
0.035
0.043
0.90
1.10
L
0.010
0.018
0.26
0.46
M
0.003
0.006
0.08
0.15
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
J
M
A
C
B
G
H
K
D
L
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1


Similar Part No. - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
83Kb / 4P
Sub-miniature Schottky Diodes & Arrays in
BAT54CDW DIODES-BAT54CDW Datasheet
47Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 7 - 2
logo
Weitron Technology
BAT54CDW WEITRON-BAT54CDW Datasheet
533Kb / 4P
Surface Mount Schottky Barrier Diodes Arrays
logo
Diodes Incorporated
BAT54CDW DIODES-BAT54CDW Datasheet
94Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE ARRAYS
DS30152 Rev. 11 - 2
logo
TRANSYS Electronics Lim...
BAT54CDW TEL-BAT54CDW Datasheet
130Kb / 1P
SCHOTTKY DIODE
More results

Similar Description - BAT54CDW

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BAT54 MCC-BAT54_11 Datasheet
201Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54LP MCC-BAT54LP Datasheet
446Kb / 2P
200mWatt, 30Volt Schottky Barrier Diode
BAT54W MCC-BAT54W Datasheet
252Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS Datasheet
193Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54C-TP MCC-BAT54C-TP Datasheet
257Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54AWT-TP MCC-BAT54AWT-TP Datasheet
380Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54L2 MCC-BAT54L2 Datasheet
407Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54 MCC-BAT54_14 Datasheet
363Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54TW MCC-BAT54TW_13 Datasheet
267Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
BAT54WS MCC-BAT54WS_13 Datasheet
322Kb / 3P
200mWatt, 30Volt Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com