Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV23C Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV23C
Description  350mW Small Signal Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV23C Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV23C Datasheet HTML 1Page - Micro Commercial Components BAV23C Datasheet HTML 2Page - Micro Commercial Components BAV23C Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BAV23/A/C/S
350mW
Small Signal Diode
Features
•
Fast Switching Speed
Maximum Ratings
Symbol
Parameter
Rating
Unit
Continuous Reverse Voltage
Electrical Characteristics @ 25
OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
VF
Forward Voltage
(IF=100mA)
(IF=200mA)
---
---
---
---
1.00
1.25
V
IR
Leakage Current
(VR=250V)
---
---
100
nA
Ctot
Capacitance
(VR=0, f=1.0MHz)
---
5
---
pF
trr
Reverse Recovery Time
(IF=30mA, IR=30mA)
(Irr=3.0mA, RL=100OHMS)
---
---
50
ns
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
SOT-23
•
Operating and storage junction temperature range -65 C To 150 C
O
O
IFM
Forward DC Current at Tamb=25
OC
225
mA
Suggested Solder
Pad Layout
DIMENSIONS
.079
2.000
inches
mm
.031
.800
.035
.900
.037
.950
.037
.950
A
B
C
D
E
F
G
H
J
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.110
.120
2.80
3.04
B
.083
.098
2.10
2.64
C
.047
.055
1.20
1.40
D
.035
.041
.89
1.03
E
.070
.081
1.78
2.05
F
.018
.024
.45
.60
G
.0005
.0039
.013
.100
H
.035
.044
.89
1.12
J
.003
.007
.085
.180
K
.015
.020
.37
.51
Revision: A
2011/01/01
BAV23S Marking : KL31
BAV23C Marking : KT6
BAV23A Marking : KT7
Thermal Resistance Junction to Ambient Air
357
°C/W
Power Dissipation
350
mW
Pd
Non-Repetitive Peak Forward Surge Current
@ t = 1.0
ms
@ t = 100
ms
9.0
3.0
A
IFSM
RqJA
RMS Reverse Voltage
141
V
VR(RMS)
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
K
Reverse Breakdown Vlotage @ IR=100uA
VBR
250
V
VR
200
V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
•
Lead Free Finish/Rohs Compliant (Note1) ("P"Suffix designates
Compliant. See ordering information)


Similar Part No. - BAV23C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAV23C DIODES-BAV23C Datasheet
172Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 7 - 2
BAV23C DIODES-BAV23C Datasheet
84Kb / 3P
SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 11 - 2
logo
SeCoS Halbleitertechnol...
BAV23C SECOS-BAV23C Datasheet
393Kb / 2P
Plastic Encapsulated Schottky Diode
logo
NXP Semiconductors
BAV23C NXP-BAV23C Datasheet
306Kb / 13P
Dual high-voltage switching diodes
Rev. 07-19 March 2010
logo
KEC(Korea Electronics)
BAV23C KEC-BAV23C Datasheet
48Kb / 2P
SILICON EPITAXIAL PLANAR DIODE
More results

Similar Description - BAV23C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BAS29 FAIRCHILD-BAS29 Datasheet
58Kb / 2P
Small Signal Diode
BAS35 FAIRCHILD-BAS35 Datasheet
29Kb / 2P
Small Signal Diode
BAS16 FAIRCHILD-BAS16 Datasheet
48Kb / 4P
Small Signal Diode
BAV19 FAIRCHILD-BAV19_01 Datasheet
61Kb / 4P
Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT2907A TSC-MMBT2907A Datasheet
316Kb / 3P
350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_10 Datasheet
382Kb / 4P
350mW, PNP Small Signal Transistor
logo
Micro Commercial Compon...
BAV23ACS MCC-BAV23ACS_13 Datasheet
274Kb / 3P
350mW Small Signal Diode
logo
Taiwan Semiconductor Co...
MMBT2907A TSC-MMBT2907A_14 Datasheet
323Kb / 5P
350mW, PNP Small Signal Transistor
MMBT3906 TSC-MMBT3906_14 Datasheet
229Kb / 5P
350mW, PNP Small Signal Transistor
MMBT3906L TSC-MMBT3906L Datasheet
262Kb / 5P
350mW, PNP Small Signal Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com