Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RN779F Datasheet(PDF) 2 Page - Rohm

Part # RN779F
Description  PIN diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

RN779F Datasheet(HTML) 2 Page - Rohm

  RN779F Datasheet HTML 1Page - Rohm RN779F Datasheet HTML 2Page - Rohm RN779F Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RN779F
Diodes
2/2
Electrical characteristic curves (Ta=25
°C)
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
ESD DISPERSION MAP
FORWARD CURRENT:IF(mA)
rf-IF CHARACTERISTICS
FREQUENCY(MHz)
Ct-f CHARACTERISTICS
FORWARD CURRENT:IF(mA)
rf DISPERSION MAP
0.1
1
10
100
0
100
200
300
400
500
600
700
800
900 1000 1100
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
Ta=150℃
0.1
1
10
100
1000
10000
100000
010
20
30
40
50
Ta=125℃
Ta=75℃
Ta=25℃
Ta=-25℃
Ta=150℃
0.1
1
10
0
5
10
15
20
25
30
35
f=1MHz
700
720
740
760
780
800
AVE:782.8mV
Ta=25℃
IF=10mA
n=30pcs
0.3
0.4
0.5
0.6
AVE:0.44pF
Ta=25℃
f=1MHz
VR=35V
n=30pcs
0
1
2
3
4
5
AVE:4.12Ω
Ta=25℃
f=100MHz
IF=10mA
n=30pcs
0
1
2
3
4
C=200pF
R=0Ω
C=100pF
R=1.5kΩ
AVE:1.48kV
AVE:3.44kV
C=150pF
R=330Ω
AVE:2.67kV
1
10
100
1000
10000
0.01
0.1
1
10
100MHz
1MHz
10MHz
0.1
1
10
0.1
1
10
Ta=25℃
VR=0V
0
10
20
30
40
50
60
70
80
90
100
AVE:26.8nA
Ta=25℃
VR=50V
n=30pcs



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com