Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAV101 Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BAV101
Description  Small Signal Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BAV101 Datasheet(HTML) 1 Page - Micro Commercial Components

  BAV101 Datasheet HTML 1Page - Micro Commercial Components BAV101 Datasheet HTML 2Page - Micro Commercial Components BAV101 Datasheet HTML 3Page - Micro Commercial Components BAV101 Datasheet HTML 4Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BAV100
THRU
BAV103
Small Signal Diodes
Features
•
Silicon Epitaxial Planar Diodes
•
These diodes are also available in other case styles including: the DO-35 case
with the type designations BAV19 to BAV21, the SOD-123 case with the type
designations BAV19W to BAV21W, the SOT-23 case with the type designations
BAS19 to BAS21, and the SOD-323 case with type designations BAV19WS to
BAV21WS.
Maximum Ratings
Continuous Reverse
Voltage
BAV100
BAV101
BAV102
BAV103
VR
50V
100V
150V
200V
TA=25
OC
Repetitive Peak Reverse
Voltage
BAV100
BAV101
BAV102
BAV103
VRRM
60V
120V
200V
250V
TA=25
OC
Forward DC Current
IF
250mA
TA=25
OC(1)
Rectified Current (Average)
Half Wave Rectification
with Resist. Load
I(FAV)
200mA
f>50Hz,
TA=25
OC
Repetitive Peak Forward
Current
IFRM
625mA
f>50Hz, TA=25
OC(1)
Surge Forward Current
IFSM
1.0A
T<1s, Tj =25
OC
Power Dissipation
PTOT
400mW
TA=25
OC
Thermal Resistance
Junction to Ambient Air
(
2)
TA
375
OC/W
Operating and Stora ge
temperature Range
TS, TSTG
-55 to +150
OC
Note: (1) Valid provided that electrodes are kept at ambient temperature
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Maximum Forward Voltage
IF = 100mA
IF= 200mA
VF
1.00V
1.25V
TA=25
OC
Maximum Leakage current
BAV100
BAV100
BAV101
BAV101
BAV102
BAV102
BAV103
BAV103
IR
100nA
15uA
100nA
15uA
100nA
15uA
100nA
15uA
VR=50V
VR=50V, Tj=100
OC
VR=100V
VR=100V, Tj=100
OC
VR=150V
VR=150V, Tj=100
OC
VR=200V
VR=200V, Tj=100
OC
Typital Capacitance
CTOT
1.5pF
VR=0V, f =1.0MHz
Maximum Reverse recovery
time
trr
50ns
IF=30mA, IR=30mA
Irr=3.0mA,
RL=100 OHM
Typical Dynamic Forward
Resistance
RF
5.0 OHM
IF=10mA

MINIMELF(SOD-80C)
A
B
C
Cathode Mark
DIMENSION
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.130
.146
3.30
3.70
B
.008
.016
0.20
0.40
C
.055
.059
1.40
1.50
0.030”
0.105
0.075”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%   !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 4
• Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes:
1. Lead in Glass Exemption Applied, see EU Directive Annex 5.
2. Valid provided that electrodes are kept at ambient temperature
•
Moisture Sensitivity Level 1


Similar Part No. - BAV101

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAV101 PHILIPS-BAV101 Datasheet
34Kb / 8P
General purpose diodes
1996 Sep 17
logo
Vishay Siliconix
BAV101 VISHAY-BAV101 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Diodes Incorporated
BAV101 DIODES-BAV101 Datasheet
58Kb / 2P
SURFACE MOUNT SWITCHING DIODE
DS12017 Rev. J-2
logo
General Semiconductor
BAV101 GE-BAV101 Datasheet
144Kb / 4P
Small Signal Diodes
logo
Diotec Semiconductor
BAV101 DIOTEC-BAV101 Datasheet
133Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
More results

Similar Description - BAV101

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
1N4148 GE-1N4148 Datasheet
150Kb / 4P
Small Signal Diodes
1N4150 GE-1N4150 Datasheet
28Kb / 1P
Small Signal Diodes
1N4151W GE-1N4151W Datasheet
202Kb / 4P
SMALL SIGNAL DIODES
1N4448W GE-1N4448W Datasheet
140Kb / 4P
Small Signal Diodes
BAV19WS GE-BAV19WS Datasheet
118Kb / 4P
SMALL SIGNAL DIODES
BAW75 GE-BAW75 Datasheet
173Kb / 4P
Small-Signal Diodes
LL4148 GE-LL4148 Datasheet
147Kb / 4P
Small Signal Diodes
LL4151 GE-LL4151 Datasheet
146Kb / 4P
Small Signal Diodes
logo
Guangdong Kexin Industr...
1N5177W KEXIN-1N5177W Datasheet
33Kb / 1P
SMALL SIGNAL DIODES
logo
EIC discrete Semiconduc...
BAV19WS EIC-BAV19WS Datasheet
40Kb / 2P
SMALL SIGNAL DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com