Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AYZ Datasheet(PDF) 1 Page - C&K Components

Part # AYZ
Description  Miniature Slide Switches
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

AYZ Datasheet(HTML) 1 Page - C&K Components

  AYZ Datasheet HTML 1Page - C&K Components AYZ Datasheet HTML 2Page - C&K Components AYZ Datasheet HTML 3Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
I–46
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ck-components.com
I
AYZ Series
Miniature Slide Switches
(0,2) CHAMFER
.020 TYP
(0,5)
.098
(2,5)
.098
(2,5)
.118
(3,0)
.020 TYP
(0.5)
.059
(1,5)
.118
(3,0)
(0,8)
.032
(0,8)
.051
(1,3)
.008 TYP
(0,2)
.079
(2,0)
.110
(2,8)
.283
(7,2)
.118
(3,0)
.098
(2,5)
.098
(2,5)
.039
(1,0)
.079
(2,0)
.126
(3,2)
.039
(1,0)
.059
(1,5)
(0,85)
.008 x 45º
ø.034
ø.032 TYP
PC MOUNTING
1
2
3
1
23
SWITCH SHOWN IN POSITION 1
Features/Benefits
• Low profile
• Single & double pole models
• Double & triple throw models
• RoHS compatible
Typical Applications
• Computer peripherals &
network products
• Telecommunication products
• Test & measurement equipment
Specifications
MAX. SWITCHING POWER: 1.2 VA
MAX. SWITCHING VOLTAGE: 12 VDC
MAX. SWITCHING CURRENT: 100 mA
MECHANICAL LIFE: 10,000 operations.
CONTACT RESISTANCE: <80m
Ω
INSULATION RESISTANCE: >10 8
Ω
DIELECTRIC STRENGTH: 0.1 kV at 50 Hz/1 min.
OPERATING TEMPERATURE: –10ºC to +60ºC
PACKAGING: Tape & reel, see page I-47.
How To Order
Complete part numbers for AYZ Series Miniature Slide Switches are shown on pages I-46 through I-48.
Materials
HOUSING: Glass filled PPS (UL 94V-0).
ACTUATOR: Glass filled nylon 6/6 (UL 94V-0), except options ending
in C which are glass filled nylon 4/6 (UL94V-0).
COVER: Nickel silver.
MOVABLE CONTACT: Copper alloy, silver plated.
FIXED CONTACT: Brass, silver plated.
CONTACT SPRING: Contact bronze.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
SPDT
2
1
3
1-2
2-3
C
POS.1
POS.2
CONN. TERMINALS
SCHEMATIC
PART NUMBER
SWITCH FUNCTION
AYZ0102AGRLC
ON
ON
YES
YES
RoHS
Compliant
RoHS
Compatible


Similar Part No. - AYZ

ManufacturerPart #DatasheetDescription
logo
C&K Components
AYZ CK-COMPONENTS-AYZ Datasheet
536Kb / 4P
Miniature Slide Switches
16 Mar 22
logo
ITT Industries
AYZ0102AGRL ITT-AYZ0102AGRL Datasheet
40Kb / 2P
AYZ Slide Switch for SMT
AYZ0103AGRL ITT-AYZ0103AGRL Datasheet
40Kb / 2P
AYZ Slide Switch for SMT
AYZ0202AGRL ITT-AYZ0202AGRL Datasheet
40Kb / 2P
AYZ Slide Switch for SMT
AYZ0203AGRL ITT-AYZ0203AGRL Datasheet
40Kb / 2P
AYZ Slide Switch for SMT
More results

Similar Description - AYZ

ManufacturerPart #DatasheetDescription
logo
ITT Industries
OS102011MS2QN1 ITT-OS102011MS2QN1 Datasheet
955Kb / 7P
Miniature Slide Switches
L202011MS02Q2 ITT-L202011MS02Q2 Datasheet
615Kb / 6P
Miniature Slide Switches
logo
C&K Components
L202011MS02QE2 CK-COMPONENTS-L202011MS02QE2 Datasheet
322Kb / 6P
Miniature Slide Switches
OS102011MS2QN1 CK-COMPONENTS-OS102011MS2QN1 Datasheet
669Kb / 7P
Miniature Slide Switches
logo
E-SWITCH
600 E-SWITCH-600 Datasheet
218Kb / 2P
SLIDE SWITCHES - MINIATURE
logo
List of Unclassifed Man...
SLB12814 ETC2-SLB12814 Datasheet
579Kb / 8P
Miniature Slide Switches
SLG12004 ETC2-SLG12004 Datasheet
69Kb / 1P
Miniature Slide Switches
logo
Copal Electronics
ES_SERIES COPAL-ES_SERIES Datasheet
825Kb / 2P
Miniature Slide Switches
SS220K-23 COPAL-SS220K-23 Datasheet
551Kb / 1P
Miniature Slide Switches
logo
C&K Components
L CK-COMPONENTS-L Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com