Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFS8910Z-LF Datasheet(PDF) 2 Page - Z-Communications, Inc

Part # SFS8910Z-LF
Description  Fixed Frequency Synthesizer Surface Mount Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZCOMM [Z-Communications, Inc]
Direct Link  http://www.zcomm.com
Logo ZCOMM - Z-Communications, Inc

SFS8910Z-LF Datasheet(HTML) 2 Page - Z-Communications, Inc

  SFS8910Z-LF Datasheet HTML 1Page - Z-Communications, Inc SFS8910Z-LF Datasheet HTML 2Page - Z-Communications, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Footprint
Fixed Frequency Synthesizer
Surface Mount Module
SFS8910Z-LF
A1
Rev
0.030 MIN. CUTBACK
FROM LIVE PADS
RECOMMENDED FOOTPRINT
SEVERAL HOLES OF
0.015 ON
GND. PLANE ARE RECOMMENDED
FOR GOOD GROUNDING.
O
Physical Dimensions
6
RF OUT
11
LOCK DETECT
12
N/C
PIN CONFIGURATION
13
N/C
14
N/C
17
REF IN
23
N/C
24
Vcc CHIP
26
Vcc VCO
REST GROUND
NOTE: ALL DIMENSIONS ARE IN INCHES
TOL: XXX: +/- 0.010
Z-COMM
SFSXXXXX
W/O#
D/C
22
23
24
25
26
27
28
13
12
11
10
9
8
14
76
5
4
3
2
1
15
16
17
18
19
20
21
PHASE NOISE (1 Hz BW, typical)
OFFSET (Hz)
Phase Noise, typ.
Page 2 of 2
FRM-S-002 B
LFSuffix = RoHS Compliant. All specifications are subject to change without notice.
© Z-Communications, Inc. All Rights Reserved.
URL: www.zcomm.com | EMAIL: applications@zcomm.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com