Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCT_AS Datasheet(PDF) 1 Page - Rohm

Part # TCT_AS
Description  Chip tantalum capacitors (Bottom surface electrode type)
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TCT_AS Datasheet(HTML) 1 Page - Rohm

  TCT_AS Datasheet HTML 1Page - Rohm TCT_AS Datasheet HTML 2Page - Rohm TCT_AS Datasheet HTML 3Page - Rohm TCT_AS Datasheet HTML 4Page - Rohm TCT_AS Datasheet HTML 5Page - Rohm TCT_AS Datasheet HTML 6Page - Rohm TCT_AS Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1/6
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.02 - Rev.G
Chip tantalum capacitors (Bottom surface electrode type)
TCT Series AS Case
Features (AS)
Dimensions (Unit : mm)
1) Vital for all hybrid integrated circuits
board application.
2) Wide capacitance range.
3) Screening by thermal shock.
Part No. Explanation
Rated voltage
Capacitance tolerance
Nominal capacitance in pF in 3 digits:
2 significant figures followed by the figure
representing the number of 0's.
8 : Reel width : 8mm
R : Positive electrode on the side opposite to sprocket hole
6
1
1 Series name
TCT
2 Case style
3
4 Nominal capacitance
5
Taping
20%
M :
+−
4
CODE
6.3
0J
10
1A
16
1C
20
1D
25
1E
35
1V
Rated voltage (V)
0G
2.5
0E
AS
M
1
A
8
R
T
T
4
7
6
C
A S
2
3
6
4
1
5
Dimensions
(Unit : mm)
L
H
S
W2
W1
3.2 0.2
+−
1.6 0.2
+−
1.2 0.2
+−
0.9 0.1
+−
0.8 0.2
+−
AS case
Anode mark
+−


Similar Part No. - TCT_AS

ManufacturerPart #DatasheetDescription
logo
Rohm
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS_11 Datasheet
181Kb / 7P
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
More results

Similar Description - TCT_AS

ManufacturerPart #DatasheetDescription
logo
Rohm
TC_M ROHM-TC_M Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AS ROHM-TCT_AS Datasheet
169Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_PL ROHM-TCT_PL Datasheet
176Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_U ROHM-TCT_U Datasheet
154Kb / 6P
Chip tantalum capacitors (Bottom surface electrode type)
TC_M_0911 ROHM-TC_M_0911 Datasheet
170Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_CL ROHM-TCT_CL_10 Datasheet
152Kb / 6P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_P ROHM-TCT_P_10 Datasheet
156Kb / 7P
Chip tantalum capacitors (Bottom surface electrode type)
TCT_AL ROHM-TCT_AL_11 Datasheet
149Kb / 8P
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_P ROHM-TCT_P_11 Datasheet
175Kb / 7P
Chip tantalum capacitors(Bottom surface electrode type : Large capacitance)
TCT_U ROHM-TCT_U_11 Datasheet
177Kb / 6P
Chip tantalum capacitors(Bottom surface electrode type)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com