Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCR01MVPJSJS Datasheet(PDF) 1 Page - Rohm

Part # UCR01MVPJSJS
Description  Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

UCR01MVPJSJS Datasheet(HTML) 1 Page - Rohm

  UCR01MVPJSJS Datasheet HTML 1Page - Rohm UCR01MVPJSJS Datasheet HTML 2Page - Rohm UCR01MVPJSJS Datasheet HTML 3Page - Rohm UCR01MVPJSJS Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2010 ROHM Co., Ltd. All rights reserved.
2010.10 - Rev.B
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR01 (1005 size : 1 / 8W)
Features
1) Superior rated power.
2) Stable, low resistance guaranteed regardless of the surrounding environment.
3) Thick film resistive elements were used to create this lineup of ultra-low resistance products ranging from 68m
 to 910m.
4) Chip resistors ideal for current detection.
5) ROHM resistors have approved ISO9001- / ISO/TS 16949- certification.
Ratings
Design and specifications are subject to change without notice. Carefully check the specification sheet before using or ordering it.
0.125W (1 / 8W)
−55°C to + 155°C
at 70
°C
Item
Conditions
Specifications
Rated power
Rated voltage
Operating temperature
Nominal resistance
See Table 1.
0
20
40
60
80
100
−55
0
70
100
155
AMBIENT TEMPERATURE (
°C)
Fig.1
The voltage rating is calculated by the following equation.
E: Rated voltage (V)
P: Rated power (W)
R: Nominal resistance (
Ω)
E= P
×R
Power must be derated according to the power derating curve in
Figure 1 when ambient temperature exceeds 70
°C.
Table 1
Resistance tolerance
Special specification
Resistance range
(
Ω)
Resistance temperature
coefficient (ppm/
°C)
0 to 300
0 to 250
0 to 200
0.068 to 0.091 (E24)
0.1 to 0.2 (E24)
0.22 to 0.91 (E24)
S
L
F (±1%)
J (±5%)
Before using components in circuits where they will be exposed to transients such as pulse loads (short–duration, high– level loads), be certain to evaluate the
component in the mounted state. In addition, the reliability and performance of this component cannot be guaranteed if it is used with a steady state voltage that
is greater than its rated voltage.


Similar Part No. - UCR01MVPJSJS

ManufacturerPart #DatasheetDescription
logo
Rohm
UCR01MVPJSR33 ROHM-UCR01MVPJSR33 Datasheet
839Kb / 7P
For Current Detection Thick film shunt resistors
2023.1 - Rev.008
More results

Similar Description - UCR01MVPJSJS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCR10 TI-UCR10_10 Datasheet
166Kb / 4P
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
logo
Rohm
UCR03 ROHM-UCR03 Datasheet
155Kb / 5P
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR10 ROHM-UCR10_10 Datasheet
166Kb / 4P
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
UCR18 ROHM-UCR18_10 Datasheet
172Kb / 4P
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
MCR50 ROHM-MCR50_11 Datasheet
174Kb / 4P
Low Ohmic Thick Film Chip Resistors
UCR03 ROHM-UCR03_11 Datasheet
147Kb / 5P
Fixed Thick Film Low Ohmic Chip Resistors For Current Detection
MCR25JZHFLR110 ROHM-MCR25JZHFLR110 Datasheet
137Kb / 7P
Low Ohmic Thick Film Chip Resistors
MCR10EZHFSR056 ROHM-MCR10EZHFSR056 Datasheet
137Kb / 7P
Low Ohmic Thick Film Chip Resistors
MCR18EZHJ100 ROHM-MCR18EZHJ100 Datasheet
95Kb / 4P
Low Ohmic Thick Film Chip Resistors
UCR ROHM-UCR Datasheet
550Kb / 8P
Thick film low ohmic chip resistors for current detection
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com