Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD882-R Datasheet(PDF) 1 Page - Micro Commercial Components

Part # BD882-R
Description  Silicon NPN epitaxial planer Transistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCC [Micro Commercial Components]
Direct Link  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

BD882-R Datasheet(HTML) 1 Page - Micro Commercial Components

  BD882-R Datasheet HTML 1Page - Micro Commercial Components BD882-R Datasheet HTML 2Page - Micro Commercial Components BD882-R Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Silicon
NPN epitaxial planer
Transistors
Features
VCEO
Collector-Emitter Voltage
30
V
VCBO
Collector-Base Voltage
40
V
VEBO
Emitter-Base Voltage
6
V
IC
Collector Current-Continuous
3
A
PC
Collector Dissipation
0.5
W
TJ
Operating Junction Temperature
150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Typ
Max
Units
V(BR)CEO
Collector-Emitter Breakdown Voltage
(IC=10mAdc, IB=0)
30
---
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100uAdc, IE=0)
40
---
---
Vdc
V(BR)EBO
Collector-Emitter Breakdown Voltage
(IE=100uAdc, IC=0)
6
---
---
Vdc
ICBO
Collector Cutoff Current
(VCB=40Vdc, IE=0)
---
---
1
uAdc
IEBO
Emitter Cutoff Current
(VEB=6Vdc, IC=0)
---
---
1
uAdc
hFE
DC Current Gain
(IC=1Adc, VCE=2Vdc)
60
----
400
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=2Adc, IB=0.2Adc)
---
----
0.5
Vdc
ft
Transition frequency
(VCE=5Vdc, f=10MHz, IC=0.1A)
50
---
---
MHz
Revision:
A
20
11/01/01
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
VBE(sat)
Base-Emitter Saturation Voltage
(IC=2Adc, IB=0.2Adc)
---
----
1.5
Vdc
Maximum Ratings @ 25OC Unless Otherwise Specified
Symbol
Rating
Rating
Unit
ICEO
Collector Cutoff Current
(VCB=30Vdc, IB=0)
---
---
10
uAdc
CLASSIFICATION OF hFE
Rank
Range
R
O
YGR
60-120
100-200
160-320
200-400
BD882-R
BD882-O
BD882-Y
BD882-GR
SOT-89








































1.
BASE
2.
COLLETOR
3.
EMITTER
B
A
E
D
G
H
F
K
J
C




















12
3




 

 
 











25
































































1.55
.061
REF.






























































Marking: D882
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1


Similar Part No. - BD882-R

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
BD882-R MCC-BD882-R Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R_13 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
More results

Similar Description - BD882-R

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC3313 PANASONIC-2SC3313 Datasheet
37Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
2SD2184 PANASONIC-2SD2184 Datasheet
38Kb / 2P
Silicon NPN epitaxial planer type(Silicon NPN epitaxial planer type)
XN04322 PANASONIC-XN04322 Datasheet
115Kb / 5P
Composite Transistors Silicon NPN epitaxial planer transistor (Tr1) Silicon PNP epitaxial planer transistor (Tr2)
logo
Micro Commercial Compon...
MJD122 MCC-MJD122 Datasheet
277Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD31C MCC-MJD31C Datasheet
598Kb / 4P
Silicon NPN epitaxial planer Transistors
MJD32C MCC-MJD32C Datasheet
590Kb / 4P
Silicon PNP epitaxial planer Transistors
MJD112 MCC-MJD112 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
BD882-R MCC-BD882-R_13 Datasheet
382Kb / 3P
Silicon NPN epitaxial planer Transistors
MJD112 MCC-MJD112_16 Datasheet
295Kb / 3P
Silicon NPN epitaxial planer Transistors
MMJD3055 MCC-MMJD3055 Datasheet
206Kb / 3P
Silicon NPN epitaxial planer Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com