Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT4008 Datasheet(PDF) 1 Page - Nihon Inter Electronics Corporation

Part # PHT4008
Description  400A Avg 800 Volts
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIEC [Nihon Inter Electronics Corporation]
Direct Link  http://www.niec.co.jp
Logo NIEC - Nihon Inter Electronics Corporation

PHT4008 Datasheet(HTML) 1 Page - Nihon Inter Electronics Corporation

  PHT4008 Datasheet HTML 1Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 2Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 3Page - Nihon Inter Electronics Corporation PHT4008 Datasheet HTML 4Page - Nihon Inter Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
THYRISTOR
400A Avg 800 Volts
PHT4008
■回路図 CIRCUIT
1
K1 G1
2
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
800
V
非くり返しピーク逆電圧
Non Repetitive Peak Reverse Voltage
VRSM
900
V
PHT4008
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均整流電流
Average Rectified Output Current
I0(AV)
商用周波数 180°通電
Tc=63℃
Half Sine Wave
400
A
実効オン電流
RMS On-State Current
IT
(RMS)
630
A
電流二乗時間積
I Squared t
I
2t
2∼10ms
281000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
℃
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
℃
締付トルク
Mounting Torque
F
サーマルコンパウンド塗布
Greased
2.5∼3.5
N・m
9.0∼10.0
N・m
ベース部
Mounting
主端子部
Terminal
サージオン電流
Surge On-State Current
ITSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
7500
A
M6
M8
くり返しピークオフ電圧
Repetitive Peak Off-State Voltage
VDRM
800
V
非くり返しピークオフ電圧
Non Repetitive Peak Off-State Voltage
VDSM
900
V
ピークゲート逆電圧
Peak Gate Reverse Voltage
VRGM
5
V
ピークゲート電圧
Peak Gate Voltage
VGM
10
V
ピークゲート電流
Peak Gate Current
IGM
2
A
平均ゲート電力損失
Average Gate Power
PG
(AV)
1
W
ピークゲート電力損失
Peak Gate Power
PGM
5
W
臨界オン電流上昇率
Critical Rate of Rise of Turned-On Current
di/dt
VD=2/3VDRM,ITM=2・IO,Tj=125℃
IG=300mA,diG/dt=0.2A/μs
100
A/μs
絶縁耐圧
Isolation Voltage
Viso
端子−ベース間,AC1分間
Terminal to Base, AC1min.
2000
V
─ 159 ─
■外形寸法図 OUTLINE DRAWING
(単位 Dimension:mm)


Similar Part No. - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PHT4008 NIEC-PHT4008 Datasheet
289Kb / 5P
THYRISTOR MODULE 400A / 800V
More results

Similar Description - PHT4008

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PCH4008 NIEC-PCH4008 Datasheet
246Kb / 4P
THYRISTOR 400A AVG 800 VOLTS
PC4008 NIEC-PC4008 Datasheet
210Kb / 2P
DIODE 400A Avg 800 Volts
PH400N8 NIEC-PH400N8 Datasheet
351Kb / 2P
DIODE 400A Avg 800 Volts
PH4008 NIEC-PH4008 Datasheet
153Kb / 2P
DIODE 400A Avg 800 Volts
PC2008 NIEC-PC2008_1 Datasheet
156Kb / 2P
200A Avg 800 Volts
PDT1518 NIEC-PDT1518_1 Datasheet
372Kb / 3P
150A Avg 800 Volts
PDT4008 NIEC-PDT4008_1 Datasheet
251Kb / 4P
400A Avg 800 Volts
PGH2008AM NIEC-PGH2008AM_1 Datasheet
239Kb / 3P
200A Avg 800 Volts
PT100S8 NIEC-PT100S8_1 Datasheet
278Kb / 2P
100A Avg 800 Volts
PT151S8 NIEC-PT151S8_1 Datasheet
286Kb / 2P
150A Avg 800 Volts
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com