Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESM Datasheet(PDF) 1 Page - C&K Components

Part # ESM
Description  Single & Double Switch Modules
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

ESM Datasheet(HTML) 1 Page - C&K Components

  ESM Datasheet HTML 1Page - C&K Components ESM Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
M-SM-0744
Single & Double
Single & Double Switch
Switch Modules
Modules –
– ESM / DSM
ESM / DSM
www.ck-components.com
The single switch module ESM and
the double switch module DSM are
ready-to-install units, consisting of:
•
Switches:
K12 (for both ESM or DSM)
K12G (DSM only with two
switching-points)
PVA1H4 (ESM only)
•
PC board
•
Rubber cap
•
Optional cable or connector
The rubber cap offers the possibility
to use both switch modules under
severe ambient conditions where
dust, water, oil, solvents etc. can
effect or destroy the function of
standard switches.
With the rubber cap the two modules
are sealed to IP 65 when mounted.
Typical Applications
•
Tractors
•
Harvesting equipment
•
Industrial controls
Technical Data
Cap Material
Silicone rubber
Protection Level
IP 65 (with cap when mounted)
Cable
FLK/FLY 0.5 mm²
Switches
K12
(both ESM or DSM)
K12G
(DSM only, two
switching-points)
PVA1H4
(ESM only)
Operating
force
Travel (mm/inch)
K12
5 N
1
/ 0.039
K12G
3.5 / 7 N
1.5 / 0.0591
PVA1H4
3 N
2.2 / 0.087
Ordering code
12
3
4
6
7
8
Exam ple
DSM
K12
1
5N
C
L130 Pu Po
1
Designation
ESM = single switch module
DSM = double switch module
2
Switch
K12
= (for ESM and DSM)
K12G = with 2 switching-points (DSM only)
PVA
= PVA1H4 (ESM only)
3
Travel of Switch
1
= 1 mm (K12)
1.5 = 1.5 mm (K12G)
2.2 = 2.2 mm (PVA1H4)
4
Operating force
5N
= 5 N (K12)
3.5N = 3.5 / 7 N (K12G)
3N
= 3 N (PVA1H4)
6
Cap
N = none
C = with cap
7
Cable
- = none
L130 = 130 mm cable length
8
Cap decals (DSM)*
- = none
P = arrows:
U (down), O (Up), L (left), R (right)
* see drawing overleaf
ESM
DSM


Similar Part No. - ESM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ESM ITT-ESM Datasheet
41Kb / 2P
Single and Double Switch Modules
logo
Inventronics Inc.
ESM-075S105DX INVENTRONICS-ESM-075S105DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S150DX INVENTRONICS-ESM-075S150DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075S210DX INVENTRONICS-ESM-075S210DX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
ESM-075SXXXDX INVENTRONICS-ESM-075SXXXDX Datasheet
703Kb / 12P
75W Programmable IP66/IP67 Driver
Rev.C
More results

Similar Description - ESM

ManufacturerPart #DatasheetDescription
logo
ITT Industries
ESM ITT-ESM Datasheet
41Kb / 2P
Single and Double Switch Modules
logo
Micronetics, Inc.
6912 MICRONETICS-6912 Datasheet
37Kb / 1P
SINGLE POLE, DOUBLE THROW COMMERCIAL MICROSTRIP MODULES
logo
Texas Instruments
SN74LVC1G3157 TI-SN74LVC1G3157_07 Datasheet
932Kb / 23P
SINGLE-POLE,DOUBLE-THROW ANALOG SWITCH
SN74LVC1G3157-Q1 TI1-SN74LVC1G3157-Q1 Datasheet
404Kb / 16P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
APRIL2008
logo
Pasternack Enterprises,...
PE71S6053 PASTERNACK-PE71S6053 Datasheet
384Kb / 4P
Single Pole Double Throw Relay Switch
PE71S6056 PASTERNACK-PE71S6056 Datasheet
394Kb / 4P
Single Pole Double Throw Relay Switch
logo
NXP Semiconductors
SA630 PHILIPS-SA630_15 Datasheet
545Kb / 20P
Single-Pole Double-Throw (SPDT) switch
Rev. 3-23 July 2014
logo
Cherry Semiconductor Co...
RRA22H3BBBNN CHERRY-RRA22H3BBBNN Datasheet
330Kb / 2P
Rocker Switch Single and Double Pole
logo
Diodes Incorporated
74LVC1G3157 DIODES-74LVC1G3157 Datasheet
1Mb / 18P
SINGLE-POLE DOUBLE-THROW ANALOG SWITCH
Rev 2
logo
Texas Instruments
SN74LVC1G3157 TI1-SN74LVC1G3157_17 Datasheet
1Mb / 40P
Single-Pole Double-Throw Analog Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com